Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSKM-S5-24U Datasheet(PDF) 2 Page - CUI INC

Part # VSKM-S5-24U
Description  MEDICAL SWITCHING POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSKM-S5-24U Datasheet(HTML) 2 Page - CUI INC

  VSKM-S5-24U Datasheet HTML 1Page - CUI INC VSKM-S5-24U Datasheet HTML 2Page - CUI INC VSKM-S5-24U Datasheet HTML 3Page - CUI INC VSKM-S5-24U Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date
01/18/2012
│ page 2 of 4
CUI Inc
│ SERIES: VSKM-S5 Series │ DESCRIPTION: MEDICAL SWITCHING POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
110
264
370
Vac
Vdc
frequency
47
63
Hz
input current
at 110 Vac
at 230 Vac
110
70
mA
mA
inrush current
at 110 Vac
at 230 Vac
10
20
A
A
external input fuse
(recommended)
slow blow, 250 V
1
A
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
±0.5
%
load regulation
10 ~ 100%
±1
%
temperature coefficient
0.02
%/°C
hold-up time
at 230 Vac
50
ms
voltage set point accuracy
3.3 V output
all other models
±3
±2
%
%
switching frequency
100
kHz
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
diode clamp and chip lock up
short circuit protection
auto recovery with no damage from a short on any
output
over-temperature protection
150
°C
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
primary to secondary (for 1 minute)
4,000
Vac
safety approvals
IEC 60601-1, EN 60601-1, UL 60601-1
safety class
class II
EMI/EMC
EN 55011 (level A), IEC/EN 61000-4-2 (level 4, 8kV/15kV), IEC/EN 61000-4-3,
IEC/EN 61000-4-4 (level 4, 4kV), IEC/EN 61000-4-5 (level 4, 2kV/4kV)
RoHS compliant
yes
MTBF
25°C
300,000
hrs
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-25
70
°C
storage temperature
-40
105
°C
case temperature
95
°C
operating humidity
non-condensing
95
%


Similar Part No. - VSKM-S5-24U

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSKM-S5-24U CUI-VSKM-S5-24U Datasheet
547Kb / 6P
   MEDICAL AC-DC POWER SUPPLY
More results

Similar Description - VSKM-S5-24U

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSKM-S10-3R3U CUI-VSKM-S10-3R3U Datasheet
270Kb / 4P
   MEDICAL SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
MQF120E ARCH-MQF120E Datasheet
205Kb / 3P
   Enclosed Medical Switching Power Supply
MQF240E ARCH-MQF240E Datasheet
155Kb / 3P
   Enclosed Medical Switching Power Supply
MQF240O ARCH-MQF240O Datasheet
145Kb / 3P
   Open Frame Medical Switching Power Supply
MQF500E ARCH-MQF500E Datasheet
265Kb / 4P
   AC-DC Medical Switching Power Supply
MQF120E ARCH-MQF120E_18 Datasheet
204Kb / 3P
   AC-DC Medical Switching Power Supply
MQF500O ARCH-MQF500O Datasheet
294Kb / 4P
   AC-DC Medical Switching Power Supply
MQF120O ARCH-MQF120O_18 Datasheet
209Kb / 3P
   AC-DC Medical Switching Power Supply
MQF240U ARCH-MQF240U Datasheet
177Kb / 3P
   U Bracket Medical Switching Power Supply
MQF120U ARCH-MQF120U_18 Datasheet
192Kb / 3P
   AC-DC Medical Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com