Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS9-46E Datasheet(PDF) 3 Page - Fuji Electric

Part # EDS9-46E
Description  OPTICAL MULTI-POINT TEMPERATURE CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS9-46E Datasheet(HTML) 3 Page - Fuji Electric

  EDS9-46E Datasheet HTML 1Page - Fuji Electric EDS9-46E Datasheet HTML 2Page - Fuji Electric EDS9-46E Datasheet HTML 3Page - Fuji Electric EDS9-46E Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1. With 8-point input
(1) With temperature measuring system (up to 256 points of temperature measurable)
(2) With combined measuring system for temperature, pressure or flow rate
2. With 16-point input
(1) With temperature measuring system (up to 256 points of temperature measurable)
(2) With combined measuring system for temperature, pressure or flow rate
(Note)
Temperature
sensor
8 units
Multi-point temperature
converter
FRL1
Optical star coupler
FXQ
Master station
PMH
Safety barrier
8 lines
4 lines
Power supply
Power supply
Power supply
(24V DC)
With intrinsically safe explosion-proofing
Temperature
sensor
8 units
Multi-point temperature
converter
FRL1
Optical star coupler
FXQ
Master station
PMH
4 lines
Power supply
Power supply
Up to 7 units connectable
for measuring meters
Temperature
sensor
16 units
Multi-point temperature
converter
FRL2
Optical star coupler
FXQ
Master station
PMH
4 lines
4 lines
Power supply
Power supply
Temperature
sensor
16 units
Multi-point temperature
converter
FRL2
Optical star coupler
FXQ
Master station
PMH
4 lines
Power supply
Power supply
Up to 6 units connectable
for measuring meters
(Note) No.of units combined with 16-point input system
Multi-point tempera-
ture converter
Pressure,flow rate
meters
Optical star couplers
connected
1 unit
2 units
3 units
4 units
6 units
4 units
2 units
0 unit
7 units
6 units
5 units
4 units
SYSTEM CONFIGURATION DIAGRAMS


Similar Part No. - EDS9-46E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS9-44E FUJI-EDS9-44E Datasheet
75Kb / 6P
   OPTICAL SIGNAL CONVERTER
EDS9-47C FUJI-EDS9-47C Datasheet
69Kb / 4P
   OPTICAL-PNEUMATIC CONVERTER
EDS9-48A FUJI-EDS9-48A Datasheet
48Kb / 2P
   OPTICAL DISTRIBUTOR
EDS9-49C FUJI-EDS9-49C Datasheet
54Kb / 4P
   OPTICAL REPEATER
EDS9-4E FUJI-EDS9-4E Datasheet
140Kb / 3P
   FC SERIES ROOT EXTRACTOR
More results

Similar Description - EDS9-46E

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC591 MICROSS-HMC591 Datasheet
944Kb / 11P
   Point-to-Multi-Point Radios
HMC486 MICROSS-HMC486 Datasheet
910Kb / 11P
   Point-to-Multi-Point Radios
HMC490 MICROSS-HMC490 Datasheet
959Kb / 11P
   Point-to-Multi-Point Radios
logo
Analog Devices
HMC441LM1 AD-HMC441LM1 Datasheet
397Kb / 8P
   Point-to-Multi-Point Radios
logo
Micross Components
HMC260 MICROSS-HMC260 Datasheet
872Kb / 9P
   Point-to-Multi-Point Radios
HMC590 MICROSS-HMC590 Datasheet
935Kb / 11P
   Point-to-Multi-Point Radios
HMC498 MICROSS-HMC498 Datasheet
963Kb / 9P
   Point-to-Multi-Point Radios
HMC499 MICROSS-HMC499 Datasheet
909Kb / 9P
   Point-to-Multi-Point Radios
HMC564 MICROSS-HMC564 Datasheet
881Kb / 9P
   Point-to-Multi-Point Radios
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com