Electronic Components Datasheet Search |
|
EDS9-47C Datasheet(PDF) 2 Page - Fuji Electric |
|
EDS9-47C Datasheet(HTML) 2 Page - Fuji Electric |
2 / 4 page ZLD Structure and material Enclosure: JIS C0920, splash-proof type (equivalent to IEC IP54) Finish color: Epoxy/polyurethane double coating, silver (Case cover ...... blue) External dimension (HxWxD): 257 x 165 x 220 mm Mass (weight} Approx. 5 kg Mounting method: Mounted on 50A (2B) pipe with U-bolt Optical cable and connection: Fuji’s specified optical cable (supplied as separate item) Connection; Optical connector is used. Air piping connection: Rc 1/4 (PT 1/4) 1/4-18NPT as specified Additional specifications Display unit: Indicator ....LCD, 4 digits (–10 °C to +60°C) Setting unit .... Pushbutton switch (4 switches) Output pressure gauge: JIS Class-3 Scale; 0 to 2kgf/cm2 or 0 to 3 kgf/cm2 (depends on output range) Lithium battery (2 batteries, built-in): Changed over by internal select switch. [Two batteries can be built into the housing (standard specification)] Acid/alkali-proofing: Mounting U-bolts, nuts and washers; Stainless steel (304 stainless steel) Pneumatic operation final element Optical-pneumatic converter SUP SUP 8 pcs. ZLD Master station Optical star coupler FXQ P/P O/P CODE SYMBOLS SYSTEM CONFIGURATION DIAGRAMS L ZD 1 - 2 1 345678 11 12 13 9 Description Air piping connection Rc 1/4 (PT 1/4) 1/4-18 NPT Display unit and output pressure gauge Display unit – (output % scale) – (output % scale) (output % scale) (output % scale) Output pressure gauge – – – Explosion-proof specification Standard (non-explosion-proof) Intrinsic safety explosion-proof (JIS i3nG5) Number of built-in lithium batteries One Two Treatment Standard (non acid/alkali-proof) Acid/alkali-proof treatment Emergency operation (at abnormal input) Scale out to less than -10% output Scale out to more than 110% output 6 optical cable protection adapter With Without Notes: 9 mm optical cable connection type: manufacture non-standard Output signal and supply pressure 19.6 to 98.1 kPa {0.2 to 1 .0kgf/cm2} (140kPa {1.43kgf/cm2}) 39.2 to 196.1kPa {0.4 to 2.0kgf/cm2} (240kPa {2.45kgf/cm2}) 3 to 15psi (20psi) 6 to 30psi (35psi) 3 to 27psi (32psi) B C A B A B C D E F 1 2 3 4 5 B C Y B 1 2 0 1 |
Similar Part No. - EDS9-47C |
|
Similar Description - EDS9-47C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |