Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-D1341 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-D1341
Description  NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-D1341 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-D1341 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-D1341 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-D1341 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-D1341 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Nov-28-1996
BDP 951
NPN Silicon AF Power Transistors
• For AF drivers and output stages
• High collector current
• High current gain
• Low collector-emitter saturation voltage
• Complementary type: BDP952...BDP956 (PNP)
Type
Marking Ordering Code
Pin Configuration
Package
BDP 951
BDP 951 Q62702-D1339
1 = B
2 = C
3 = E
4 = C
SOT-223
BDP 953
BDP 953 Q62702-D1341
1 = B
2 = C
3 = E
4 = C
SOT-223
BDP 955
PDP 955 Q62702-D1343
1 = B
2 = C
3 = E
4 = C
SOT-223
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
BDP 951
BDP 953
BDP 955
VCEO
120
100
80
V
Collector-base voltage
BDP 951
BDP 953
BDP 955
VCBO
140
120
100
Emitter-base voltage
VEBO
5
DC collector current
IC
3
A
Peak collector current
ICM
5
Base current
IB
200
mA
Peak base current
IBM
500
Total power dissipation,
TS = 99°C
Ptot
3
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction ambient
1)
RthJA
≤ 42
K/W
Junction - soldering point
RthJS
≤ 17
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm2 Cu


Similar Part No. - Q62702-D1341

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-D1340 SIEMENS-Q62702-D1340 Datasheet
40Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
Q62702-D1342 SIEMENS-Q62702-D1342 Datasheet
40Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
Q62702-D1344 SIEMENS-Q62702-D1344 Datasheet
40Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
Q62702-D1347 SIEMENS-Q62702-D1347 Datasheet
33Kb / 4P
   Silicon Schottky Diode (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
More results

Similar Description - Q62702-D1341

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BDP947 SIEMENS-BDP947 Datasheet
40Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BDP952 SIEMENS-BDP952 Datasheet
40Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP948 SIEMENS-BDP948 Datasheet
39Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com