Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM5400CRWZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM5400CRWZ
Description  Quad-Channel Isolator with Integrated DC-to-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5400CRWZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM5400CRWZ Datasheet HTML 7Page - Analog Devices ADUM5400CRWZ Datasheet HTML 8Page - Analog Devices ADUM5400CRWZ Datasheet HTML 9Page - Analog Devices ADUM5400CRWZ Datasheet HTML 10Page - Analog Devices ADUM5400CRWZ Datasheet HTML 11Page - Analog Devices ADUM5400CRWZ Datasheet HTML 12Page - Analog Devices ADUM5400CRWZ Datasheet HTML 13Page - Analog Devices ADUM5400CRWZ Datasheet HTML 14Page - Analog Devices ADUM5400CRWZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADuM5400
Rev. A | Page 11 of 16
TERMINOLOGY
IDD1(Q)
IDD1(Q) is the minimum operating current drawn at the VDD1
pin when there is no external load at VISO and the I/O pins
are operating below 2 Mbps, requiring no additional dynamic
supply current.
IDD1(MAX)
IDD1(MAX) is the input current under full dynamic and VISO load
conditions.
tPHL Propagation Delay
tPHL propagation delay is measured from the 50% level of the
falling edge of the VIx signal to the 50% level of the falling edge
of the VOx signal.
tPLH Propagation Delay
tPLH propagation delay is measured from the 50% level of the
rising edge of the VIx signal to the 50% level of the rising edge
of the VOx signal.
Propagation Delay Skew (tPSK)
tPSK is the magnitude of the worst-case difference in tPHL and/or
tPLH that is measured between units at the same operating
temperature, supply voltages, and output load within the
recommended operating conditions.
Channel-to-Channel Matching
Channel-to-channel matching is the absolute value of the
difference in propagation delays between two channels when
operated with identical loads.
Minimum Pulse Width
The minimum pulse width is the shortest pulse width at which
the specified pulse width distortion is guaranteed.
Maximum Data Rate
The maximum data rate is the fastest data rate at which the
specified pulse width distortion is guaranteed.


Similar Part No. - ADUM5400CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5400CRWZ AD-ADUM5400CRWZ Datasheet
386Kb / 16P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
REV. 0
ADUM5400CRWZ AD-ADUM5400CRWZ Datasheet
338Kb / 16P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. B
ADUM5400CRWZ1 AD-ADUM5400CRWZ1 Datasheet
384Kb / 21P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. PrA
ADUM5400CRWZ2 AD-ADUM5400CRWZ2 Datasheet
384Kb / 21P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. PrA
More results

Similar Description - ADUM5400CRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5400 AD-ADUM5400 Datasheet
384Kb / 21P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. PrA
ADUM5400 AD-ADUM5400_08 Datasheet
386Kb / 16P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
REV. 0
ADUM5400 AD-ADUM5400_V01 Datasheet
338Kb / 16P
   Quad-Channel Isolator with Integrated DC-to-DC Converter
Rev. B
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com