Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM5401W Datasheet(PDF) 8 Page - Analog Devices

Part # ADUM5401W
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5401W Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUM5401W Datasheet HTML 4Page - Analog Devices ADUM5401W Datasheet HTML 5Page - Analog Devices ADUM5401W Datasheet HTML 6Page - Analog Devices ADUM5401W Datasheet HTML 7Page - Analog Devices ADUM5401W Datasheet HTML 8Page - Analog Devices ADUM5401W Datasheet HTML 9Page - Analog Devices ADUM5401W Datasheet HTML 10Page - Analog Devices ADUM5401W Datasheet HTML 11Page - Analog Devices ADUM5401W Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADuM5401W/ADuM5402W/ADuM5403W
Rev. 0 | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD1 1
GND1 2
VIA 3
VIB 4
VISO
16
GNDISO
15
VOA
14
VOB
13
VIC 5
VOC
12
VOD 6
VID
11
RCOUT 7
VSEL
10
GND1 8
ADuM5401W
TOP VIEW
(Not to Scale)
GNDISO
9
Figure 6. ADuM5401W Pin Configuration
Table 12. ADuM5401W Pin Function Descriptions
Pin No. Mnemonic Description
1
VDD1
Primary Supply Voltage, 4.5 V to 5.5 V. Pin 1 and Pin 7 must be connected to the same external voltage source.
2, 8
GND1
Ground 1. Ground reference for isolator primary. Pin 2 and Pin 8 are internally connected, and it is recommended that both
pins be connected to a common ground.
3
VIA
Logic Input A.
4
VIB
Logic Input B.
5
VIC
Logic Input C.
6
VOD
Logic Output D.
7
RCOUT
Regulation Control Output. This pin is connected to the RCIN of a slave isoPower device to allow the ADuM5401W
to control the regulation of the slave device.
9, 15
GNDISO
Ground Reference for Isolator Side 2. Pin 9 and Pin 15 are internally connected, and it is recommended that both pins be
connected to a common ground.
10
VSEL
This pin must be connected to VISO for proper operation of the part.
11
VID
Logic Input D.
12
VOC
Logic Output C.
13
VOB
Logic Output B.
14
VOA
Logic Output A.
16
VISO
Secondary Supply Voltage Output, 5.0 V for External Loads.


Similar Part No. - ADUM5401W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
More results

Similar Description - ADUM5401W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com