Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS11-93G Datasheet(PDF) 3 Page - Fuji Electric

Part # EDS11-93G
Description  FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, CONTINUOUS OUTPUT TYPE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-93G Datasheet(HTML) 3 Page - Fuji Electric

  EDS11-93G Datasheet HTML 1Page - Fuji Electric EDS11-93G Datasheet HTML 2Page - Fuji Electric EDS11-93G Datasheet HTML 3Page - Fuji Electric EDS11-93G Datasheet HTML 4Page - Fuji Electric EDS11-93G Datasheet HTML 5Page - Fuji Electric EDS11-93G Datasheet HTML 6Page - Fuji Electric EDS11-93G Datasheet HTML 7Page - Fuji Electric EDS11-93G Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Indication method
PV indicator
SV indicator
MV indicator
Indication method
LED (Red)
LED (Green)
LED (Red)
No. of segments
101 + 2
101 + 2
51 + 2
Range
0 to 100%
0 to 100%
0 to 100%
linear
linear
linear
Resolution
1%/FS
1%/FS
2%/FS
Scale length
100mm
100mm
50mm
Indication mode
0 to 100% bargraph indication, 0 to 100%
reverse bargraph indication, dot indication,
–50 to 50% deviation indication
(2) Operation mode indication
Indication method:
LED (Red and green)
Red; M, HM, SCC
Green; A, R
(3) Numerical indication, setting
Indication method:
LED (Red), name in 3 digits+number in
5 digits (Negative sign included)
Indication contents:
Process variable (Industrial value), set
point (Industrial value), alarm high/low
values, PID parameters etc.
Indication contents are selectable by F/S ,
,
keys on front panel.
Setting method:
By use of F/S ,
,
,
, ST keys
on front panel.
(4) SV setting function
Fixed value setting method:
By
buttons on front panel.
Setting speed; about 40 sec/FS*
Remote setting method:
By external set point signal
(Voltage or pulse width input)
(5) MV operating function
Manual operating method:
By
,
,
buttons on front panel.
Setting speed; about 40 sec/FS*
About 8 sec/FS* when
pressed simul-
taneously.
(6) Operation mode changeover
By R/A/M pushbuttons and HM switch on front panel.
R
A changeover
Balanceless bumpless
A
R changeover Voltage signal
Balance bumpless
Pulse width input
Balanceless bumpless
A or R
M changeover
Balanceless bumpless
A or R
M changeover
Balanceless bumpless
3. Input signals
(1) Process variable input signal: One input selectable from
the following
Voltage input
signal
1 to 5V DC
Input resistance 1M
Ω or
more
Allowable error
±0.2%/FS*
Current input
signal
4 to 20mA DC
24V DC can be supplied to
transmitter in case of AC
power supply
Allowable error
±0.2%/FS
Thermocouple
input
10mV DC span or more;
cold junction compensation
comprised
Allowable error
±0.5%/FS
Resistance bulb
input
50
°C span or more
Allowable error
±0.5%/FS*
I
+
I
0
I
5. Internal uniform data conversion
(1) Analog data
Standard
Minimum
Maximum
0.00 to 100.00%
–327.6%
327.67%
Aux. analog input
AI1
Aux. analog input
AI2
Aux. analog input
AI3
External set point
CAS
1 to 5V DC
Input resistance 1M
or more, allowable error
±0.2%/FS*
CAS is usable as aux. analog input.
(2) Analog input signal: 4 points
(3) Digital input
signal: 4 points
ON 0V, OFF
24V (Input
current about
11mA/24V DC)
Contact input
(Photocoupler
isolation)
Aux. digital input
DI1
Aux. digital input
DI2
Aux. digital input
DI3
Manual mode command
SMV
(4) One set of pulse width or one set of pulse number
input signal:
Pl
+
, PI
Pulse No.
input signal
Contact input
(Photocoupler
isolation)
ON 0V, OFF 24V
(Input current: about
11mA/24V DC)
Input max. freq.
: 500Hz
Pulse width
input signal
ON 0V, OFF 24V
(Input current: about
11mA/24V DC)
MI
+
,
MI
4 to 20mA DC
Current output
Allowable load resistance
600
Ω or less, allowable
error
±0.2%/FS
4. Output signals
(1) Manipulated output signal: 1 point
Compensated PV signal
KPV
1 to 5V DC
Set point transmit signal
SV
Manipulated output
MV
(Voltage)
Aux. analog output
AO1
KPV, SV and MV is usable as aux. analog output.
(3) Digital output signal: 6 points
Output resistance
1
Ω or less,
allowable error
±0.2%/FS
(2) Analog output signal: 4 points
Output rating
30V DC
0.1A max.
Open collector
output
(Photocoupler
isolation)
Fault output
FLT
Manual mode output
M
High alarm output
H
Low alarm output
L
Aux. digital output
DO1
Aux. digital output
DO2
H and L are usable as aux. digital output.
Note: *FS……full scale
(2) Digital data
Input/output form
Data
ON (Contact closed)
0.01%
OFF (Contact open)
0.00%
6. Indication, setting, operation functions
(1) Bargraph indication
Types
J : 0 to
600
°C
K : 0 to 1200
°C
E : 0 to
800
°C
R : 0 to 1600
°C
Pt100
JPt100
–50 to 500
°C


Similar Part No. - EDS11-93G

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
   DIGITAL TEMPERATURE CONTROLLER
EDS11-91H FUJI-EDS11-91H Datasheet
92Kb / 6P
   FC SERIES COMPACT CONTROLLER S(CONTINUOUS OUTPUT TYPE)
EDS11-98F FUJI-EDS11-98F Datasheet
128Kb / 10P
   FC SERIES COMPACT CONTROLLER?™?Super (CC-S)(BASIC PID AND FREELY CONFIGURABLE, CONTINUOUS OUTPUT TYPE)
More results

Similar Description - EDS11-93G

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-91H FUJI-EDS11-91H Datasheet
92Kb / 6P
   FC SERIES COMPACT CONTROLLER S(CONTINUOUS OUTPUT TYPE)
EDS11-102E FUJI-EDS11-102E Datasheet
104Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, STEP OUTPUT TYPE)
EDS11-31F FUJI-EDS11-31F Datasheet
532Kb / 7P
   FC SERIES COMPACT CONTROLLER F(CONTINUOUS OUTPUT)
EDS11-101E FUJI-EDS11-101E Datasheet
86Kb / 6P
   FC SERIES COMPACT CONTROLLER S(STEP OUTPUT TYPE)
EDSX11-132E FUJI-EDSX11-132E Datasheet
120Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
EDS11-132B FUJI-EDS11-132B Datasheet
142Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
EDS11-98F FUJI-EDS11-98F Datasheet
128Kb / 10P
   FC SERIES COMPACT CONTROLLER?™?Super (CC-S)(BASIC PID AND FREELY CONFIGURABLE, CONTINUOUS OUTPUT TYPE)
EDS11-115G FUJI-EDS11-115G Datasheet
81Kb / 6P
   FC SERIES SETTER (CONTINUOUS OUTPUT TYPE)
EDS11-105E FUJI-EDS11-105E Datasheet
80Kb / 6P
   FC SERIES SETTER (CONTINUOUS OUTPUT TYPE)
EDSX11-136B FUJI-EDSX11-136B Datasheet
111Kb / 12P
   FC SERIES SETTER(CONTINUOUS OUTPUT TYPE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com