Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS11-104E Datasheet(PDF) 4 Page - Fuji Electric

Part # EDS11-104E
Description  FC SERIES MANUAL LOADER(STEP OUTPUT TYPE)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-104E Datasheet(HTML) 4 Page - Fuji Electric

  EDS11-104E Datasheet HTML 1Page - Fuji Electric EDS11-104E Datasheet HTML 2Page - Fuji Electric EDS11-104E Datasheet HTML 3Page - Fuji Electric EDS11-104E Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PND1
AO
(Compensated PV
signal)
W0
(Valve position input)
AI, AO
Common bus
PO
(Control output)
DO
(High alarm)
DO
(Low alarm)
Instrument power
(24V DC, AC power)
DI, DO
24V power
KPV
W
0
SC
PO
+
PO
H
L
PC*
PCD
G
Block terminal (M4 screws)
Note: * Symbols for AC instrument power are VPO, PCO.
Output : Approx. 24V DC (0.1A max.)
51
52
53
54
55
56
57
58
59
60
61
62
Earth
71
72
73
74
75
76
77
78
79
80
81
82
+
+
W
+
W
SC
VP*
VPD
Process value input terminal connections
W
(Valve position input)
W
+
(Valve position input)
AI, AO
Common bus
Instrument power
(24V DC, AC power)
DI, DO
24V power
Process value
input
DO
(Manual mode)
I+
(PV)
DO
(FLT output)
DI
(Manual mode command)
Instrument power (AC)
11
I–
(SC)
12
M
13
14
SMV
15
AC
FLT
PI
PI+
Io
AC
16
31
32
33
34
35
Pulse width
input
1 to 5V DC
The 5th digit of
code symbols:
"A"
4 to 20mA DC
The 5th digit of
code symbols:
"B"
Thermocouple
The 5th digit of
code symbols:
C,D,E,F
Resistance bulb
The 5th digit of
code symbols:
G,W
4 to 20mA DC
power
The 5th digit of
code symbols:
"B"
11
+
31
12
11
12
11
12
11
12
11
12
31
31
60
PC
31
31
+
+
+
+
+
+
+
CONNECTION DIAGRAM
Information in this catalog is subject to change without notice.
Printed in Japan
Head Office
6-17, Sanbancho, Chiyoda-ku, Tokyo 102-0075, Japan
http://www.fesys.co.jp/eng
Sales Div.
International Sales Dept.
No.1, Fuji-machi, Hino-city, Tokyo, 191-8502 Japan
Phone: 81-42-585-6201, 6202
Fax: 81-42-585-6187
http: //www.fic-net.jp/eng
Caution on Safety
*Before using this product, be sure to read its instruction manual in advance.


Similar Part No. - EDS11-104E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-101E FUJI-EDS11-101E Datasheet
86Kb / 6P
   FC SERIES COMPACT CONTROLLER S(STEP OUTPUT TYPE)
EDS11-102E FUJI-EDS11-102E Datasheet
104Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, STEP OUTPUT TYPE)
EDS11-103E FUJI-EDS11-103E Datasheet
83Kb / 6P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDS11-105E FUJI-EDS11-105E Datasheet
80Kb / 6P
   FC SERIES SETTER (CONTINUOUS OUTPUT TYPE)
EDS11-106E FUJI-EDS11-106E Datasheet
84Kb / 6P
   FC SERIES RATIO SETTER
More results

Similar Description - EDS11-104E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-114B FUJI-EDS11-114B Datasheet
70Kb / 4P
   FC SERIES MANUAL LOADER(STEP OUTPUT TYPE)
EDS11-36B FUJI-EDS11-36B Datasheet
223Kb / 4P
   FC SERIES MANUAL LOADER(STEP OUTPUT)
EDS11-103E FUJI-EDS11-103E Datasheet
83Kb / 6P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDSX11-135B FUJI-EDSX11-135B Datasheet
112Kb / 12P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDS11-113D FUJI-EDS11-113D Datasheet
85Kb / 6P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDS11-34B FUJI-EDS11-34B Datasheet
237Kb / 4P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT)
EDS11-101E FUJI-EDS11-101E Datasheet
86Kb / 6P
   FC SERIES COMPACT CONTROLLER S(STEP OUTPUT TYPE)
EDS11-32G FUJI-EDS11-32G Datasheet
475Kb / 7P
   FC SERIES COMPACT CONTROLLER F(STEP OUTPUT TYPE)
EDS11-37B FUJI-EDS11-37B Datasheet
165Kb / 2P
   FC SERIES SETTER(STEP OUTPUT)
EDS11-102E FUJI-EDS11-102E Datasheet
104Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, STEP OUTPUT TYPE)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com