Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS11-118C Datasheet(PDF) 4 Page - Fuji Electric

Part # EDS11-118C
Description  FC SERIES COMPACT CONTROLLER?™?Super (CC-S)(BASIC PID AND FREELY CONFIGURABLE, STEP OUTPUT TYPE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-118C Datasheet(HTML) 4 Page - Fuji Electric

  EDS11-118C Datasheet HTML 1Page - Fuji Electric EDS11-118C Datasheet HTML 2Page - Fuji Electric EDS11-118C Datasheet HTML 3Page - Fuji Electric EDS11-118C Datasheet HTML 4Page - Fuji Electric EDS11-118C Datasheet HTML 5Page - Fuji Electric EDS11-118C Datasheet HTML 6Page - Fuji Electric EDS11-118C Datasheet HTML 7Page - Fuji Electric EDS11-118C Datasheet HTML 8Page - Fuji Electric EDS11-118C Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PNC3
4
(4) SV setting function
Fixed value setting method:
By
,
buttons on front panel.
Setting speed; about 40 sec/FS*
Remote setting method:
By external set point signal
(Voltage or pulse width input)
(5) MV operating function
Manual operating method:
By
,
buttons on front panel.
(6) Operation mode changeover
By R/A/M pushbuttons on front panel.
R
A changeover
A
R changeover
Voltage signal
Pulse width input
A or R
M changeover
digital indicator of front panel.
9. Communication functions
(1) Communication items
Supervisory items:
From CC-S to host
Process variable, set point, manipulated
out-put, deviation, operation mode, alarm
in-formation, fault information, PID para-
meters, various limiter values, constants,
segmented line, analog input/output,
digital input/output, configuration program
(Wafer connection) etc.
Setting items: From host to CC-S
Set point, manipulated output, operation
mode, PID parameters, various limiter
values, constants, segmented line, con-
figuration program (Wafer connection)
etc.
(2) Communication enable/inhibit:
Data setting from the host can be enabled/inhibited by
F/S ,
,
,
, ST keys on the front panel.
(3) Communication interface
RS-422:
Universal interface
Transmission speed:
2400, 4800, 9600 or 19200 BPS selectable
No. of units connectable:
31 max.
Code format: One or two stop bits, parity EVEN/ODD/
NONE selectable.
Transmission distance:
1 km max.
10. Personal computer software packages
Two software packages, running on IBM PC-AT, are
provided for CC-S supervision, operation, maintenance
and configuration.
They are Fix software packages and CC-S configurator.
Fix is a user-configurable, menu-driven software packages
for CC-S supervision, operation and maintenance, while
CC-S configurator is another package to configure CC-S
control system.
E.g. Real time process display
Process Alarming
Trending
Control Strategy Configuration
Fix is a trade mark of Intellution Inc./U.S.A. Standard software
packages for plant supervision, operation and maintenance are
available under Fix:
11. Security functions
Data security function by means of pass code.
12. Operating conditions
Supply voltage: 24V DC (20 to 30V DC), 110V AC (85 to
132V AC), 220V AC (187 to 264V AC)
Power consumption:
Approx. 13W (DC), 20VA (AC)
Power factor: approx. 0.6
Dielectric strength:
Balanceless bumpless
Balance bumpless
Balanceless bumpless
Balanceless bumpless
7. Power failure and restart function
Power failure detection:
Control function interrupted at power
failure detection.
During power failure:
Operating parameters backed up by ca-
pacitor when power failure within 5
minutes.
Initial set point and control output values,
PID parameters etc. are stored in non-
volatile memory (lasts for 10 years or
longer at ambient temperature of 50
°C or
less)
Restart from power failure:
Initial or continuous start is selectable for
power failure within 5 minutes.
Restart from power failure lasting longer
than 5 minutes is made by initial auto-
matically.
Control mode at initial start is selectable from.
R:
Remote mode
M:
Manual mode
A:
Automatic mode
SCC: SCC mode
8. Self-diagnosis functions
Computation/control function failure:
FLT indicator lights up, FLT contact output
closes, and computation and control func-
tion interrupted.
Manipulated output can be controlled
manually at FLT (Soft manual).
Input signal and control output failure:
FLT indicator lights up, FLT contact output
closes, control stops, and manipulated
output is held, while other computation
and control functions continue to be pro-
cessed.
Fault indication: Cause of fault is indicated numerically on


Similar Part No. - EDS11-118C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-110A FUJI-EDS11-110A Datasheet
521Kb / 9P
   MICRO CONTROLLER E
Jul. 10. 1995
EDS11-111C FUJI-EDS11-111C Datasheet
422Kb / 8P
   MICRO CONTROLLER E
EDS11-113D FUJI-EDS11-113D Datasheet
85Kb / 6P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDS11-114B FUJI-EDS11-114B Datasheet
70Kb / 4P
   FC SERIES MANUAL LOADER(STEP OUTPUT TYPE)
EDS11-115G FUJI-EDS11-115G Datasheet
81Kb / 6P
   FC SERIES SETTER (CONTINUOUS OUTPUT TYPE)
More results

Similar Description - EDS11-118C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-98F FUJI-EDS11-98F Datasheet
128Kb / 10P
   FC SERIES COMPACT CONTROLLER?™?Super (CC-S)(BASIC PID AND FREELY CONFIGURABLE, CONTINUOUS OUTPUT TYPE)
EDS11-101E FUJI-EDS11-101E Datasheet
86Kb / 6P
   FC SERIES COMPACT CONTROLLER S(STEP OUTPUT TYPE)
EDS11-102E FUJI-EDS11-102E Datasheet
104Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, STEP OUTPUT TYPE)
EDS11-32G FUJI-EDS11-32G Datasheet
475Kb / 7P
   FC SERIES COMPACT CONTROLLER F(STEP OUTPUT TYPE)
EDS11-91H FUJI-EDS11-91H Datasheet
92Kb / 6P
   FC SERIES COMPACT CONTROLLER S(CONTINUOUS OUTPUT TYPE)
EDS11-35E FUJI-EDS11-35E Datasheet
340Kb / 6P
   FC SERIES COMPACT CONTROLLER E(STEP OUTPUT)
EDS11-93G FUJI-EDS11-93G Datasheet
121Kb / 8P
   FC SERIES COMPACT CONTROLLER S(PROGRAMMABLE, CONTINUOUS OUTPUT TYPE)
EDSX11-140A FUJI-EDSX11-140A Datasheet
112Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE STEP OUTPUT TYPE)
logo
SELEC Controls Pvt. Ltd
TC518 SELEC-TC518 Datasheet
707Kb / 2P
   Basic PID Temperature Controller
logo
Fuji Electric
EDS11-140B FUJI-EDS11-140B Datasheet
143Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](PROGRAMMABLE STEP OUTPUT TYPE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com