Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS11-141B Datasheet(PDF) 1 Page - Fuji Electric

Part # EDS11-141B
Description  DIGITAL THERMOSTAT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-141B Datasheet(HTML) 1 Page - Fuji Electric

  EDS11-141B Datasheet HTML 1Page - Fuji Electric EDS11-141B Datasheet HTML 2Page - Fuji Electric EDS11-141B Datasheet HTML 3Page - Fuji Electric EDS11-141B Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
FEATURES
1. Highly compact
Front panel having a DIN size of 24 x 48 mm, as lightweight
as 100 g and besides, depth just 85 mm, featuring a space
saving design.
2. A variety of temperature sensors connectable
Because thermocouples (5 types) and thermistors (0 to
100
°C) are connectable, measurement within a wide tem-
perature range from low to high can be covered so as to
match your equipment.
3. Measured and Alarm Temperatures Displayable
Alarm set value and measured temperature value can be
checked promptly using the front keys.
SPECIFICATIONS
Item
Specification
Input
Number of inputs: 1
Input signal and measurable range: Refer to Table 1.
Allowable signal source resistance:
Thermocouple input 100
Ω max.
Measurement cycle: 2 sec. or less
Burnout function: Thermocouple input; UUU display
Thermistor input: LLL display
(Upscale or downscale at burnout settable)
Input impedance: Thermocouple input 1 M
Ω or higher
Input filter: 0 to 90 sec. (settable in 1 sec. steps)
Primary lag filter
Input value compensation:
Settable within
±10% of measurable range
Indication Indication means: LCD (without back light)
Value/parameter indication: 4 digits of 7 segments each
(However, at the 1st digit, only - or 1 is indicated within -999
to 1999.)
Contents of indication: Measured value, alarm set value 1,
alarm set value 2, various parameters
Each indicator of alarms 1 and 2, ˚C scale
Operation Number of keys: 3 keys, sheet type keys (embossed)
Alarm value setting resolution: 1˚C
Key lock function: (Change of setting can be inhibited.)
Accuracy Indication accuracy: Refer to Table 1.
(However, error of a temperature sensor is not included.)
Reference contact compensation error:
±3˚C (at 23˚C)
Alarm
Number of outputs: 1 or 2 (as specified in CODE SYMBOLS)
output
Contact structure: 1a contact
Alarm type: Refer to Table 2.
Contact capacity: 220 V AC/30 V DC, 2 A (resistance load)
220 AC/30 DC, 1 A (inductive load)
Mechanical life of contact:
20 million activations or more (100 activations/min.)
Electrical life of contact:
100,000 activations or more (rated load)
Output resetting cycle: 2 sec. or less
Alarm value settable range:
Settable within 0 to 100% of measurable range
Hysteresis width settable range:
0 to 110% of measurable range (settable in 1˚C steps)
Alarm action delay time: Settable within 1 to 120 sec.
PAS3
This product is an on/off temperature alarm unit which in-
puts signals from a thermocouple or thermistor sensor and
transmits a relay contact output when an input signal reaches
the preset alarm level. This thermostat is most suited for
overheat detection in machines, equipments, etc.
DIGITAL THERMOSTAT
4. Alarm point settable in 1
°C steps
Temperature can be set in 1
°C steps by key operation from
the front.
5. Washable front structure
The front display and operating section has an IP66 water-
proof structure (corresponding to NEMA-4X). This design
allows washing from the panel front.
6. 2 relay contact outputs available
This thermostat is capable of issuing 2 relay contact out-
puts. Therefore, any output of high/low limit pair, 2 upper
limits and 2 lower limits can be selected.
Item
Specification
Power
Power supply voltage: 100 V (–15%) to 240 V (+10%) AC
supply
50/60 Hz (
±10%)
Power consumption:
3 VA max. (with 100 V AC), 6 VA max. (with 240 V AC)
Operating Ambient temperature: 0 to 50˚C
conditions Ambient humidity: 90% RH max. (condensation unallowable)
Body
Mounting method: Panel flush mounting
Use of optional DIN rail-mounting adapter
allows the instrument to be rail mounted
or wall mounted.
structure External dimensions (H x W x D): 24 x 48 x 85 mm
Weight: Approx. 100 g
Casing material:
Plastic (corresponding to flame resistance grade UL94V-0)
Front protective structure:
IP66 (corresponding to NEMA-4X) when using
Fuji’s genuine front waterproof packing part
External terminals: Plug-in type (for bar terminals)
Finish color: Ivory
Table 1 Input signal, measurable range and indication
acurasy
Input signal
Thermocouple J
K
R
T
E
Thermistor
PB-36
Measurable
range (˚C)
0 to 800
0 to 1200
0 to 1600
0 to 400
0 to 600
0 to 100
Minimum
resolution
1˚C
1˚C
4˚C
1˚C
1˚C
1˚C
Indication
accuracy
±3˚C
±3˚C
±4˚C
±3˚C
±3˚C
±4˚C
Note 1) Correct indication is not ensured within a range from 0 to 500˚C for
an R type thermocouple.
Note 2) Switching between a thermistor and a thermocouple is not allowed.
Thermocouple input type can be changed by front key operation.
Date
EDS11-141b
Apr. 1, 2011


Similar Part No. - EDS11-141B

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-140B FUJI-EDS11-140B Datasheet
143Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](PROGRAMMABLE STEP OUTPUT TYPE)
More results

Similar Description - EDS11-141B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
   Programmable Digital Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com