Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS11-166A Datasheet(PDF) 2 Page - Fuji Electric

Part # EDS11-166A
Description  PUM Series Multi-loop module type Temperature controller Enhanced communication Module (CC-Link) [PUMCL]
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-166A Datasheet(HTML) 2 Page - Fuji Electric

  EDS11-166A Datasheet HTML 1Page - Fuji Electric EDS11-166A Datasheet HTML 2Page - Fuji Electric EDS11-166A Datasheet HTML 3Page - Fuji Electric EDS11-166A Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PUMCL
2
2.2 Display, configuration
(1) Display:
Status display LED
(2 colors × 2 points + 4 points)
(2) Display contents:
RUN/FAULT, control module connection
status (TX/RX), CC-Link status (L.RUN,
L.ERR, SD, RD)
(3) Setting device and set contents
Setting device
Set contents
Front
Rotary SW × 2
CC-Link Station No. setting
Inside
Rotary SW × 1
CC-Link speed setting
Dip SW (6bit) × 1 CC-Link mode setting
3. Power outage
(1) Impact of power outage:
Outage of 2ms or less ; no impact
(2) Operation after power outage:
Start from the first step (cold start)
(3) Memory backup:
Nonvolatile memory (EEPROM)
No. of update ; 100,000
4. Self diagnosis
Diagnosis method:
Program error monitoring by watch dog
timer
5. Structure
(1) Installation method:
DIN rail mounting or mounting with M3
screws inside a cabinet
(2) Dimensions: 30 (W) × 100 (H) × 85 (D) mm
(excluding terminal cover and projected
part)
(3) Weight:
Approx. 200 g
(4) Extrenal terminal
- CC-Link communication:
Detachable terminal block
(M3 screw × 20 terminals)
- Power supply connection:
Terminal block on the base part
(M3 screw × 2 terminals)
Power is supplied via side connectors
in case of lateral connecting. (Max. 33
units)
- Loader communication port:
2.5 diameter mini-plug/jack
[on the front of the module]
(5) Case material: Polyphenylene oxide
(flame retardant grade : UL94V-0 equiva-
lent)
(6) Case color:
Case ; red
Terminal, base part ; black
(7) Protection
- Body:
IP20 grade protection
(ventilation slits on the top and the bot-
tom of the body)
- Terminal:
IP00 grade protection, terminal cover is
available as an option
6. Normal operating condition
(1) Ambient temperature*: -10 to 50°C
* “Ambient temperature” is the tempera-
ture underneath the controller inside
the equpiment or the cabinet where
the controller is installed.
(2) Ambient humidity:
90% RH or less (non condensing)
(3) Vibration:
10 to 70Hz, 9.8m/s2 (1G) or less
7. Transporting, storage condition (packing con-
dition)
(1) Storage temperature: -20 to 60°C
(2) Ambient humidity: 90%RH or less (no condensing)
(3) Vibration:
10 to 70Hz, 9.8m/s2 (1G) or less
(4) Shock:
294m/s2 (30G) or less
8. Packing list
Temperature controller: 1unit
Instruction manual:
1 copy
Termination resistor of internal communication:
1 unit
9. Loader software
(1) Distribution medium:
Free download from Fuji Electric Sys-
tems HP (http://www.fic-net.jp/eng/index.
html)
(2) Recommended operating environment
PC:
DOS/V (PC-AT compatible)
OS:
Windows XP (operation confirmed in
Japanese / English)
RAM:
256M bytes or more
Free space on the hardware: 500M bytes or more
Display resolution: 1024 × 768 or over
Serial interface: RS-232C 1 port
(without RS-232C, USB serial converter
cable required)
(3) Connection with PUM
Via loader interface on the front face of the module
(special cable available from Fuji is required) or via
RS-485
codE SYmBolS
[Enhanced communication module]
[Accessories]
Description
4
5
10
C
L
A
B
< Module type >
Enhanced communication module
< Communication function >
CC-Link communication
< Operation manual >
Japanese
English
Digit
4 5 6 7 8
9
1
0
1 2 3
P UM
Y Y
Digit
10
Description
6
7
8
A
A
A
L
0
0
0
0
2
3
4
1
DIN rail mounting end plate
Side conneting terminal cover
(right & left 1 set)
Front face screw terminal cover
Loader connecting cable (RS-232C)
Digit
4 5 6 7 8
1 2 3
P UM Z *
Digit
Power
SLD/FG terminal
(CC-Link connecting terminal)
Loader communication port
CC-Link communication
Functional insulation (50VAC)
Functional insulation (1000VAC)
Functional insulation (500VAC)
[table 1] insulation block diagram


Similar Part No. - EDS11-166A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-160C FUJI-EDS11-160C Datasheet
314Kb / 16P
   PX series digital temperature controller MICRO-CONTROLLER X (96 횞 96 mm)
EDS11-161 FUJI-EDS11-161 Datasheet
160Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M](FIXED FUNCTION/CONTINUOUS OUTPUT TYPE)
EDS11-162 FUJI-EDS11-162 Datasheet
162Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (FIXED FUNCTION/ STEP OUTPUT TYPE)
EDS11-164A FUJI-EDS11-164A Datasheet
468Kb / 8P
   PX series Digital temperature Controller Socket Type MICRO-CONTROLLER X (48mm횞48mm) MICRO-CONTROLLER X
EDS11-165A FUJI-EDS11-165A Datasheet
293Kb / 16P
   PUM Series Multi-loop module type Temperature controller Control Module [PUMA/B]
More results

Similar Description - EDS11-166A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-172A FUJI-EDS11-172A Datasheet
363Kb / 8P
   PUM Series Multi-loop module type Temperature controller Enhanced communication Module (PROFIBUS) [PUMCP]
EDS11-168B FUJI-EDS11-168B Datasheet
373Kb / 8P
   PUM Series Multi-loop module type Temperature controller Enhanced communication Module [PUMCM](Mitsubishi?셲 PLC Programless Communication)
EDS11-165A FUJI-EDS11-165A Datasheet
293Kb / 16P
   PUM Series Multi-loop module type Temperature controller Control Module [PUMA/B]
EDS11-167A FUJI-EDS11-167A Datasheet
241Kb / 12P
   PUM Series Multi-loop module type Temperature controller Event input/output module [PUME]
EDS11-169A FUJI-EDS11-169A Datasheet
313Kb / 8P
   PUM Series Multi-loop module type Temperature controller Analog input/output module[PUMV/N/T]
logo
FOTEK CONTROLS CO., LTD...
NT-22 FOTEK-NT-22 Datasheet
1Mb / 7P
   Temperature Controller&Communication Module
logo
WAGO Kontakttechnik Gmb...
2789-9080 WAGO-2789-9080 Datasheet
241Kb / 6P
   Communication module; IO-Link; communication capability
18.10.2021
logo
Panasonic Semiconductor
SC-GU2-C PANASONIC-SC-GU2-C Datasheet
1Mb / 10P
   Communication Unit for CC-Link
logo
Prosoft-Technology
MVI69E-MBS PROSOFT-MVI69E-MBS Datasheet
538Kb / 2P
   Modbus Serial Enhanced Communication Module
MVI56E-FLN PROSOFT-MVI56E-FLN Datasheet
435Kb / 3P
   FA Control Network Enhanced Communication Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com