Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX5-79J Datasheet(PDF) 3 Page - Fuji Electric

Part # EDSX5-79J
Description  ABSOLUTE PRESSURE TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX5-79J Datasheet(HTML) 3 Page - Fuji Electric

  EDSX5-79J Datasheet HTML 1Page - Fuji Electric EDSX5-79J Datasheet HTML 2Page - Fuji Electric EDSX5-79J Datasheet HTML 3Page - Fuji Electric EDSX5-79J Datasheet HTML 4Page - Fuji Electric EDSX5-79J Datasheet HTML 5Page - Fuji Electric EDSX5-79J Datasheet HTML 6Page - Fuji Electric EDSX5-79J Datasheet HTML 7Page - Fuji Electric EDSX5-79J Datasheet HTML 8Page - Fuji Electric EDSX5-79J Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Tag No.
Model No.
Serial No.
Engineering unit
Range limit
Measuring range
Damping
Output mode
Burnout direction
Calibration
Output adjust
Data
Self diagnoses
Printer
External switch lock
Transmitter display
Linearize
Rerange
Items
Display
Set
vv
vv
v—
vv
v—
vv
vv
v—
vv
vv
—v
v—
v—
——
vv
vv
vv
vv
(Note)
(1) HHC: Hand Held Communicator
ATEX
Ex II 3 GD
EEx nL IIC T5 Tamb = – 40
°C to +40°C
EEx nL IIC T4 Tamb = – 40
°C to +80°C
Specific Parameters:
Model without arrester:
Ui=42.4V, Ii=113mA, Pi=1W,
Ci=27nF, Li=1.134mH
Model with arrester:
Ui=32V, Ii=113mA, Pi=1W,
Ci=34.2nF, Li=1.134mH
EEx nAL IIC T5 Tamb = – 40
°C to +40°C
EEx nAL IIC T4 Tamb = – 40
°C to +80°C
Specific Parameters:
Model without arrester:
Umax=42.4V, Imax=113mA, Pmax=1W
Model with arrester:
Umax=32V, Imax=113mA, Pmax=1W
Factory
Mutual
Class I II III
Div.2 Groups A, B, C, D, F, G
T4 Entity Type 4X
CSA
Class I
Div.2 Groups A, B, C, D
Class II
Div.2 Groups E, F, G
Class III
Div.2
Temp Code T4
Tamb max = +40
°C
Temp Code T3C Tamb max = +85
°C
Entity Parameters:
Vmax=28V, Ci=27nF (Without Arrester),
Ci=34.2nF (With Arrester), Li=1.4mH
TIIS
IECEx
Scheme
/SAA
Authorities
Type n
Nonincendive
Model code
9th digit
A,B,D
– 40
°C to +85°C
L,P,1,2
– 20
°C to +80°C
Q,S,4,5
– 20
°C to +60°C
E,F,H
– 40
°C to +60°C
Tamb
Zero/span adjustment:
Zero and span are adjustable from the
HHC(1). Zero and span are also adjustable
externally from the adjustment screw
(span adjustment is not available with 9th
digit code “L, P, Q, S”).
Damping:
Adjustable from HHC or local adjustment
unit with LCD display.
The time constant is adjustable between
0.12 to 32 seconds.
Zero elevation/suppression:
Zero can be elevated within the specified
range limit of each sensor model.
Normal/reverse action:
Selectable from HHC(1).
Indication:
Analog indicator or 5-digit LCD meter, as
specified.
Burnout direction: Selectable from HHC(1)
If self-diagnostic detect transmitter fail-
ure, the analog signal will be driven to ei-
ther “Output Hold”, “Output Overscale”
or “Output Underscale” modes.
“Output Hold”:
Output signal is hold as the value just be-
fore failure happens.
“Output Overscale”:
Adjustable within the range 20.8mA to
21.6mA from HHC(1)
“Output Underscale”:
Adjustable within the range 3.2mA to
3.8mA from HHC(1)
3.8
3.2
4
20 20.8
21.6 [mA]
Over scale
Burnout
Probable over range
Probable under range
Normal operating range
Under scale
Burnout
Loop-check output:
Transmitter can be configured to provide
constant signal 3.8mA through 21.6mA
by HHC(1).
Temperature limit:
Ambient: –40 to +85
°C
(–20 to +80
°C for LCD indicator)
(–40 to +60
°C for arrester option)
For explosionproof units (flameproof or
intrinsic safety), ambient temperature
must be within the limits specified by
each standard.
Process: – 40 to +85
°C for silicone fill
sensor
Storage: – 40 to +90
°C
Humidity limit:
0 to 100% RH
Communication: With HHC(1) (Model FXW, consult Data
Sheet No. EDS8-47), following informa-
tion can be remotely displayed or recon-
figured.
Note: HHC’s version must be more than
6.0 (or FXW
1–
3), for FCX-
A
2.
EMC Conformity: EN61326


Similar Part No. - EDSX5-79J

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-71 FUJI-EDSX5-71 Datasheet
120Kb / 6P
   FCX ??AX SERIES ABSOLUTE PRESSURE TRANSMITTER
EDSX5-72 FUJI-EDSX5-72 Datasheet
160Kb / 8P
   FFCCXX ???밃AX SSEERRIIEESS REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-73 FUJI-EDSX5-73 Datasheet
165Kb / 8P
   FCX ??AX SERIES PRESSURE TRANSMITTER
EDSX5-74 FUJI-EDSX5-74 Datasheet
204Kb / 10P
   FCX ??AX SERIES SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-75 FUJI-EDSX5-75 Datasheet
103Kb / 6P
   FCX ??C SERIES ABSOLUTE PRESSURE TRANSMITTER
More results

Similar Description - EDSX5-79J

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-91H FUJI-EDSX5-91H Datasheet
245Kb / 8P
   ABSOLUTE PRESSURE TRANSMITTER
EDS5-56A FUJI-EDS5-56A Datasheet
157Kb / 6P
   OPTICAL ABSOLUTE PRESSURE TRANSMITTER
EDS5-88 FUJI-EDS5-88 Datasheet
123Kb / 8P
   OPTICAL ABSOLUTE PRESSURE TRANSMITTER
EDS5-102B FUJI-EDS5-102B Datasheet
120Kb / 4P
   FC SERIES ABSOLUTE PRESSURE TRANSMITTER
EDS5-14D FUJI-EDS5-14D Datasheet
204Kb / 6P
   FCX SERIES ABSOLUTE PRESSURE TRANSMITTER
EDSX5-71 FUJI-EDSX5-71 Datasheet
120Kb / 6P
   FCX ??AX SERIES ABSOLUTE PRESSURE TRANSMITTER
EDSX5-75 FUJI-EDSX5-75 Datasheet
103Kb / 6P
   FCX ??C SERIES ABSOLUTE PRESSURE TRANSMITTER
EDSX5-97H FUJI-EDSX5-97H Datasheet
182Kb / 8P
   ABSOLUTE PRESSURE TRANSMITTER (DIRECT MOUNT TYPE)
EDS5-61B FUJI-EDS5-61B Datasheet
320Kb / 4P
   FCX-A SERIES ABSOLUTE PRESSURE TRANSMITTER
logo
Infineon Technologies A...
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
   Absolute Pressure Sensor
Rev 1.01, 2007-11-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com