Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX5-94H Datasheet(PDF) 2 Page - Fuji Electric

Part # EDSX5-94H
Description  REMOTE SEAL TYPE PRESSURE TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX5-94H Datasheet(HTML) 2 Page - Fuji Electric

  EDSX5-94H Datasheet HTML 1Page - Fuji Electric EDSX5-94H Datasheet HTML 2Page - Fuji Electric EDSX5-94H Datasheet HTML 3Page - Fuji Electric EDSX5-94H Datasheet HTML 4Page - Fuji Electric EDSX5-94H Datasheet HTML 5Page - Fuji Electric EDSX5-94H Datasheet HTML 6Page - Fuji Electric EDSX5-94H Datasheet HTML 7Page - Fuji Electric EDSX5-94H Datasheet HTML 8Page - Fuji Electric EDSX5-94H Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FKB...5
Storage: 40 to +90°C
Humidity limit:
0 to 100% RH
Communication: With HHC(1) (Model FXW, consult Data
Sheet No. EDS8-47), following items can
be remotely displayed or configured.
Note: HHC’s version must be higher than
7.0 (or FXW
1– 4), for FCX -
AIII.
Local configurator with LCD display (option):
Local configurator with 3 push button
and LCD display can support following
items.
Items
By communication
with FXW
By local configurator
(with 3 push button)
Display
Set
Display
Set
Tag No.
vvvv
Model No.
vvvv
Serial No. & Software Version
v
v
Engineering unit
vvvv
Range limit
v
v
Measuring range
vvvv
Damping
vvvv
Output mode
v
v
Burnout direction
vvvv
Calibration
vvvv
Output adjust
v
v
Data
v
v
Self diagnoses
v
v
Printer (In case of FXW with
printer option)
v
———
External switch lock
vvvv
Transmitter display
vvvv
Linearize
vv
——
Rerange
vvvv
Saturate current
vvvv
Write protect
vvvv
History
– Calibration history
– Ambient temperature history
v
v
v
v
v
v
Temperature limit:
Ambient: 40 to +85°C
(20 to +80°C for LCD indicator)
(40 to +60°C for arrester option)
(10 to +60°C for fluorinated oil fill transmitter)
(10 to +85°C for silicone oil “H”, “S”, “K”) *)
(+20 to +85°C for silicone oil “J”, “T”) *)
*) In case of capillary length is more than 7m, max.
temperature is +55°C.
For explosionproof units (flameproof or intrinsic safety),
ambient temperature must be within the limits speci-
fied by each standard.
Process:
Lower limit
of
static press.
Process
temperature
Atmospheric
pressure
Fill fluid
Code in the
13th digit of
Code symbols”
Fluorinated oil
Silicone oil
(Note)
(1) HHC: Hand Held Communicator
Load limitations: see figure below
Note: For communication with HHC(1) (Model: FXW), min. of 250
 is
required.
Hazardous locations: SEE TABLE2
Zero/span adjustment:
Zero and span are adjustable from the
HHC(1). Zero and span are also adjustable
externally from the adjustment screw.
Damping:
Adjustable from HHC or local adjustment
unit with LCD display.
The time const ant is configurator
between
0.06 to 32 seconds.
Zero elevation/suppression:
Zero can be elevated or suppressed within
the specified range limit of each sensor
model.
Normal/reverse action:
Selectable from HHC(1).
Indication:
Analog indicator or 5-digit LCD meter, as
specified.
Burnout direction:Selectable from HHC(1)
If self-diagnostic detect transmitter failure,
the analog signal will be driven to either
“Output Hold”, “Output Overscale” or
“Output Underscale” modes.
“Output Hold”:
Output signal is hold as the value just
before failure happens.
“Output Overscale”:
Adjustable within the range 20.0mA to
22.5mA from HHC(1)
“Output Underscale”:
Adjustable within the range 3.2mA to
4.0mA from HHC(1)
3.2
4
20
22.5 [mA]
Over scale
Burnout
Probable over range
Probable under range
Normal operating range
Under scale
Burnout
Output Limits comforming the NAMUR NE43 by order.
Loop-check output:
Transmitter can be configured to provide
constant signal 3.2mA through 22.5mA by
HHC(1).
EMC Conformity:EN61326-1: 2006
2000
[
Ω]
1500
1000
500
250
0
1474
Ω
577
Ω
Operating
area
24V
45V
10
16.35
50
E[ V ]
10.5V
Power voltage (DC)
R=
E-10.5
(Imax+0.9)x10-3
20 to 120°C
15 to 250°C
20 to 300°C
40 to 180°C
15 to 250°C
20 to 300°C
15 to 200°C
W, A and D
H
J
Y and G
S
T
K
2.7kPa abs
{20mmHg
abs}
0.13kPa abs
{1mmHg abs}
or more


Similar Part No. - EDSX5-94H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-91H FUJI-EDSX5-91H Datasheet
245Kb / 8P
   ABSOLUTE PRESSURE TRANSMITTER
EDSX5-92H FUJI-EDSX5-92H Datasheet
271Kb / 8P
   PRESSURE TRANSMITTER
EDSX5-93H FUJI-EDSX5-93H Datasheet
296Kb / 8P
   PRESSURE TRANSMITTER Hydroseal짰 Diaphragm Version
EDSX5-95H FUJI-EDSX5-95H Datasheet
435Kb / 6P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-97H FUJI-EDSX5-97H Datasheet
182Kb / 8P
   ABSOLUTE PRESSURE TRANSMITTER (DIRECT MOUNT TYPE)
More results

Similar Description - EDSX5-94H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-83J FUJI-EDSX5-83J Datasheet
187Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX6-117I FUJI-EDSX6-117I Datasheet
164Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS5-89 FUJI-EDS5-89 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
EDSX6-136H FUJI-EDSX6-136H Datasheet
276Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS5-15F FUJI-EDS5-15F Datasheet
310Kb / 8P
   FCX SERIES REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDS6-126 FUJI-EDS6-126 Datasheet
121Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
EDSX5-95H FUJI-EDSX5-95H Datasheet
435Kb / 6P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-82K FUJI-EDSX5-82K Datasheet
208Kb / 12P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-72 FUJI-EDSX5-72 Datasheet
160Kb / 8P
   FFCCXX ???밃AX SSEERRIIEESS REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDS5-62C FUJI-EDS5-62C Datasheet
574Kb / 8P
   FCX-A SERIES REMOTE SEAL TYPE PRESSURE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com