Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX5-94H Datasheet(PDF) 3 Page - Fuji Electric

Part # EDSX5-94H
Description  REMOTE SEAL TYPE PRESSURE TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX5-94H Datasheet(HTML) 3 Page - Fuji Electric

  EDSX5-94H Datasheet HTML 1Page - Fuji Electric EDSX5-94H Datasheet HTML 2Page - Fuji Electric EDSX5-94H Datasheet HTML 3Page - Fuji Electric EDSX5-94H Datasheet HTML 4Page - Fuji Electric EDSX5-94H Datasheet HTML 5Page - Fuji Electric EDSX5-94H Datasheet HTML 6Page - Fuji Electric EDSX5-94H Datasheet HTML 7Page - Fuji Electric EDSX5-94H Datasheet HTML 8Page - Fuji Electric EDSX5-94H Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Performance specifications
Reference conditions, silicone oil fill, 316SS isolating diaphragms,
4 to 20mA analog output in linear mode.
Accuracy rating: (including linearity, hysteresis, and re-
peatability)
(Standard)
For spans greater than 1/10 of URL: ±0.2% of span
For spans below 1/10 of URL:
(Option) (Code; 21th digit H,K)
Not available for Max span 50000kPa model.
For spans greater than 1/10 of URL: ±0.1% of span
For spans below 1/10 of URL:
Stability:
±0.2% of upper range limit (URL) for 10
years.
Temperature effect:
Effect per 28°C change between the limits
of - 40°C and +85°C
(Standard)
Zero shift: ± 0.35
%
Total effect: ± 0.5
%
(Option) (Code; 21th digit J,K)
Zero shift:
±0.3% (x
1/4 URL)
± 0.1 + 0.2
% (x < 1/4 URL)
Total effect:
±0.4% (x
1/4 URL)
± 0.2 + 0.2
% (x < 1/4 URL)
Overrange effect: Zero shift; 0.2% of URL for any overrange
to maximum limit
Supply voltage effect:
Less than 0.005% of calibrated span per
1V
Update rate:
60 msec
Step response:
Time constant: 0.3s (at 23°C)
Dead time: 0.12s
(without electrical damping)
Dielectric strength:
500V AC, 50/60Hz 1 min., between circuit
and earth.
Insulation resistance:
More than 100M
/500V DC.
Internal resistance for external field indicator:
12
 or less
Physical specifications
Electrical connections:
G1/2, 1/2-14 NPT, Pg13.5, or M20
 1.5
conduit, as specified.
Process connections:
JIS, ANSI, or DIN raised face flanges or
screw connection JIS/ISO G1 external
thread.
Refer to “Code symbols.”
Process-wetted parts material:
Diaphragm: 316L stainless steel, Hastelloy-C
Monel, Tantalum, Titanium or
Zirconium
Flange face: 316 stainless steel, Hastelloy-C
Monel, Tantalum, Titanium or
Zirconium
Extension: 316 stainless steel, Hastelloy-C
(Refer to “Code symbols”)
Non-wetted parts material:
Electronics housing: Low copper die-cast
aluminum alloy finished with polyester
coating (standard), or 316 stainless
steel (ASTM CF8M), as specified.
Capillary: In case of 11th code “D, E, L, F,
M, N, P”, PE armored stainless steel.
In case of 11th code “Q, R, S, T, V, W,
X”, stainless steel armored stainless
steel.
Mounting flange: 304 stainless steel or
carbon steel, as specified
Fill fluid: Silicone oil (standard) or fluori-
nated oil
Mounting bracket: 304 stainless steel
Environmental protection:
IEC IP67 and NEMA 6/6P
Mounting:
On 60.5mm (JIS 50A) pipe using mount-
ing bracket, direct wall mounting
Mass {weight}:
Transmitter approximately 8.2 to 11.2kg
without options.
Add; 0.5kg for mounting bracket
4.5kg for stainless steel housing
option
1.5kg per 50mm extension of diaphragm
± 0.1+0.1
% of span
0.1
 URL
Span
()
± 0.05+0.05
% of span
0.1
 URL
Span
()
()
()
0.25
 URL
x
()
0.25
 URL
x
()
URL
x
URL
x


Similar Part No. - EDSX5-94H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-91H FUJI-EDSX5-91H Datasheet
245Kb / 8P
   ABSOLUTE PRESSURE TRANSMITTER
EDSX5-92H FUJI-EDSX5-92H Datasheet
271Kb / 8P
   PRESSURE TRANSMITTER
EDSX5-93H FUJI-EDSX5-93H Datasheet
296Kb / 8P
   PRESSURE TRANSMITTER Hydroseal짰 Diaphragm Version
EDSX5-95H FUJI-EDSX5-95H Datasheet
435Kb / 6P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-97H FUJI-EDSX5-97H Datasheet
182Kb / 8P
   ABSOLUTE PRESSURE TRANSMITTER (DIRECT MOUNT TYPE)
More results

Similar Description - EDSX5-94H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-83J FUJI-EDSX5-83J Datasheet
187Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX6-117I FUJI-EDSX6-117I Datasheet
164Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS5-89 FUJI-EDS5-89 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
EDSX6-136H FUJI-EDSX6-136H Datasheet
276Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS5-15F FUJI-EDS5-15F Datasheet
310Kb / 8P
   FCX SERIES REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDS6-126 FUJI-EDS6-126 Datasheet
121Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
EDSX5-95H FUJI-EDSX5-95H Datasheet
435Kb / 6P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-82K FUJI-EDSX5-82K Datasheet
208Kb / 12P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-72 FUJI-EDSX5-72 Datasheet
160Kb / 8P
   FFCCXX ???밃AX SSEERRIIEESS REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDS5-62C FUJI-EDS5-62C Datasheet
574Kb / 8P
   FCX-A SERIES REMOTE SEAL TYPE PRESSURE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com