Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX5-98G Datasheet(PDF) 4 Page - Fuji Electric

Part # EDSX5-98G
Description  PRESSURE TRANSMITTER (DIRECT MOUNT TYPE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX5-98G Datasheet(HTML) 4 Page - Fuji Electric

  EDSX5-98G Datasheet HTML 1Page - Fuji Electric EDSX5-98G Datasheet HTML 2Page - Fuji Electric EDSX5-98G Datasheet HTML 3Page - Fuji Electric EDSX5-98G Datasheet HTML 4Page - Fuji Electric EDSX5-98G Datasheet HTML 5Page - Fuji Electric EDSX5-98G Datasheet HTML 6Page - Fuji Electric EDSX5-98G Datasheet HTML 7Page - Fuji Electric EDSX5-98G Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FKP...5
Optional features
Indicator:
A plug-in turnable analog indicator (2.5%
accuracy)
An optional 5digits LCD meter with engi-
neering unit is also available.
Local configurator with LCD display:
An optional 5 digits LCD meter with 3
push buttons can support items as using
communication with FXW.
Arrester:
A built-in arrester protects the electronics
from lightning surges.
Lightning surge immunity:
4kV (1.2 x 50 µs)
Oxygen service:
Special cleaning procedures are followed
throughout the process to maintain all
process wetted parts oil-free.
The fill fluid is fluorinated oil.
Degreasing:
Process-wetted parts are cleaned, but the
fill fluid is standard silicone oil. Not for use
for oxygen or chlorine measurement.
NACE specification:
Metallic materials for all pressure bound-
ary parts comply with NACE MR-01-75.
Optional tag plate:
An extra stainless steel tag with customer
tag data is wired to the transmitter.
Hand-held communicator:
(Model FXW, refer to Data Sheet No.
EDS8-47)
Fig. 1 Relation between process temperature and
operating pressure
−40
60
100
None-operating
area
2.7
(20)
4
(30)
20
Process temperature [°C ]
(150)
101
(760)
[kPa abs]
(mmHg abs)
Silicone oil (Code:Y,G,N)
Operating
area
ACCESSORIES


Similar Part No. - EDSX5-98G

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-91H FUJI-EDSX5-91H Datasheet
245Kb / 8P
   ABSOLUTE PRESSURE TRANSMITTER
EDSX5-92H FUJI-EDSX5-92H Datasheet
271Kb / 8P
   PRESSURE TRANSMITTER
EDSX5-93H FUJI-EDSX5-93H Datasheet
296Kb / 8P
   PRESSURE TRANSMITTER Hydroseal짰 Diaphragm Version
EDSX5-94H FUJI-EDSX5-94H Datasheet
329Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-95H FUJI-EDSX5-95H Datasheet
435Kb / 6P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
More results

Similar Description - EDSX5-98G

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-97H FUJI-EDSX5-97H Datasheet
182Kb / 8P
   ABSOLUTE PRESSURE TRANSMITTER (DIRECT MOUNT TYPE)
EDSX5-83J FUJI-EDSX5-83J Datasheet
187Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
logo
Zhengzhou Winsen Electr...
WPCH01 WINSEN-WPCH01 Datasheet
595Kb / 4P
   General Type Ceramic Pressure Transmitter
logo
Fuji Electric
EDSX5-94H FUJI-EDSX5-94H Datasheet
329Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
logo
Cynergy3 Co
IPSS CYNERGY3-IPSS Datasheet
74Kb / 2P
   Semi-Flush Mount Pressure Transmitter
logo
Fuji Electric
EDS5-89 FUJI-EDS5-89 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
EDSX6-136H FUJI-EDSX6-136H Datasheet
276Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-117I FUJI-EDSX6-117I Datasheet
164Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
logo
Festo Corporation.
571476 FESTO-571476 Datasheet
92Kb / 2P
   Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
   Pressure transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com