Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX6-71L Datasheet(PDF) 3 Page - Fuji Electric

Part # EDSX6-71L
Description  ULTRASONIC FLOWMETER < TIME DELTAS (Standard Type)>
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX6-71L Datasheet(HTML) 3 Page - Fuji Electric

  EDSX6-71L Datasheet HTML 1Page - Fuji Electric EDSX6-71L Datasheet HTML 2Page - Fuji Electric EDSX6-71L Datasheet HTML 3Page - Fuji Electric EDSX6-71L Datasheet HTML 4Page - Fuji Electric EDSX6-71L Datasheet HTML 5Page - Fuji Electric EDSX6-71L Datasheet HTML 6Page - Fuji Electric EDSX6-71L Datasheet HTML 7Page - Fuji Electric EDSX6-71L Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Physical specifications
Sensor cable:
Radio frequency co-axial cable RG-58A/U
Dimensions and mass of sensors:
Enclosure protection:
Small, middle and large sensor/IP67
Small diameter and high temp. sensor/
IP52
Flow transmitter/IP65
Mounting:
Sensor/Clamped on pipe wall
Flow transmitter/Wall or pipe mount
Acoustic coupler: Silicone grease for high temperature
sensor, silicon rubber for others
Material:
Sensor case Guide rail
Kind
Small sensor
Plastic
304SS+Plastic
Small diameter
Plastic
Aluminum+Plastic
High-temperature 304SS
Aluminum+304SS
Middle sensor
Plastic
Large sensor
Plastic
Dimensions(H
× W × D) Mass
Kind
Small sensor
500
× 80 × 40mm
approx. 1.0kg
Small diameter
320
× 53× 90mm
approx. 0.6kg
High-temperature 530
× 52 × 205mm
approx. 1.6kg
approx. 1.4kg
Middle sensor
72
× 40 × 60mm
approx. 0.4kg
Large sensor
104
× 93 × 62mm
Dimensions of flow transmitter:
H277 × W244 × D95mm
Mass of flow transmitter:
approx, 4.5kg
Sensor:
Enclosure of converter : Aluminum alloy
The FLV converter is standard-equipped with the following out-
put functions which can be programmed through key opera-
tion.
Total pulse output:
The measured flow rate is integrated,
and upon reaching a predetermined unit
rate a single pulse is output. In the case
of a forward/reverse flowmeter, the flow
rate in each direction is independently
integrated and transmitted.
Low flow rate cutoff: arbitrarily settable
between 0 and 5m/s
The integration pulse cycle is settable in
a range of 5 pulses/second to 1 pulse
/day.
Auto multirange output:
When the flow rate largely varies bet-
ween low and high flow rates, output
can be done with large output width for
the whole flow range by adding the auto
multirange function.
Either two ranges are selectable, and
the minimum range is settable within
the measurable range. The measuring
range signal is transmitted from the DO
terminal.
Forward/reverse flow rate output:
DESCRIPTION OF OUTPUT FUNCTION
Output
[mA]
12
Up to
20%
20
Q3
Q2
Basic range
When the flow direction of the fluid
changes, then the flow rate can be mea-
sured in either direction by adding this
function.
When the flow of fluid reverses, mea-
surement is done at an arbitrary range
set differently from for the for ward
direction. The flow direction is discrimi-
nated by means of the LCD display and
DO terminal signal.
Ultrasonic pulses are propagated in turn between upstream
and downstream sides, and the time difference produced
according to the flow is detected whereby the flow rate is
measured.
QR
QF
0
Output
[mA]
Low flow rate
cutoff setting
4
-Q+Q
20


Similar Part No. - EDSX6-71L

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-100 FUJI-EDSX6-100 Datasheet
173Kb / 10P
   FCX ??AX SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-101 FUJI-EDSX6-101 Datasheet
126Kb / 8P
   FCX ??AX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-102 FUJI-EDSX6-102 Datasheet
163Kb / 8P
   FCX ??AX SERIES FLOW TRANSMITTER
EDSX6-103 FUJI-EDSX6-103 Datasheet
222Kb / 12P
   FCX ??AX SERIES SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-104 FUJI-EDSX6-104 Datasheet
116Kb / 8P
   FCX ??C SERIES DIFFERENTIAL PRESSURE TRANSMITTER
More results

Similar Description - EDSX6-71L

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-111E FUJI-EDSX6-111E Datasheet
293Kb / 8P
   ULTRASONIC FLOWMETER < TIME DELTAF (Flexible Type)>
EDSX6-140D FUJI-EDSX6-140D Datasheet
1Mb / 12P
   ULTRASONIC FLOWMETER
EDS6-58F FUJI-EDS6-58F Datasheet
589Kb / 6P
   PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOW)
EDSX6-95F FUJI-EDSX6-95F Datasheet
245Kb / 8P
   PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOWX)
EDS6-141D FUJI-EDS6-141D Datasheet
1,019Kb / 12P
   ULTRASONIC FLOWMETER(2-Path System type)
EDSX6-139H FUJI-EDSX6-139H Datasheet
1Mb / 12P
   PORTABLE TYPE ULTRASONIC FLOWMETER (PORTAFLOW-C)
EDS6-132F FUJI-EDS6-132F Datasheet
540Kb / 12P
   HYBRID ULTRASONIC FLOWMETER (Pulse Doppler method Transit Time method)
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
   ULTRASONIC FLOWMETER < M-Flow PW>
logo
Fairchild Semiconductor
FDT-21W FAIRCHILD-FDT-21W Datasheet
411Kb / 2P
   Wall Mount Ultrasonic FlowMeter For Clean Liquids
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
   INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com