Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX6-100 Datasheet(PDF) 5 Page - Fuji Electric

Part # EDSX6-100
Description  FCX ??AX SERIES DIFFERENTIAL PRESSURE TRANSMITTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX6-100 Datasheet(HTML) 5 Page - Fuji Electric

  EDSX6-100 Datasheet HTML 1Page - Fuji Electric EDSX6-100 Datasheet HTML 2Page - Fuji Electric EDSX6-100 Datasheet HTML 3Page - Fuji Electric EDSX6-100 Datasheet HTML 4Page - Fuji Electric EDSX6-100 Datasheet HTML 5Page - Fuji Electric EDSX6-100 Datasheet HTML 6Page - Fuji Electric EDSX6-100 Datasheet HTML 7Page - Fuji Electric EDSX6-100 Datasheet HTML 8Page - Fuji Electric EDSX6-100 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Degreasing:
Process-wetted parts are cleaned, but the
fill fluid is standard silicone oil. Not for use
on oxygen or chlorine measurement.
NACE specification:
Metallic materials for all pressure bound-
ary parts comply with NACE MR-01-75.
ASTM B7M or L7M bolts and 2HM nuts
(Class II) are available.
Static pressure rating for code “3” (16
MPa) is degraded to 10MPa.
Vacuum service: Special silicone oil and filling procedure
are applied.
See below figure.
Fig. 1 Relation between process temperature and
operating pressure
Customer tag:
A stainless steel tag with customer tag
data is wired to the transmitter.
Coating of cell:
Cell's surface is finished with epoxy/poly-
urethane double coating. Specify if envi-
ronment is extremely corrosive.
Oval flanges:
(Model FFP, refer to Data Sheet No.
EDS6-10)
Converts process connection to 1/2-14
NPT or to Rc1/2; in carbon steel or in 316
stainless steel.
Equalizing valves:
(Model FFN, refer to Data Sheet No.
EDS6-10)
Available in CS or in 316 stainless steel
and in pressure rating 16MPa or 42MPa.
Hand-held communicator:
(Model FXW, refer to Data Sheet No. EDS
8-47)
Communication module: (standard for model FKC)
By adding communication module, re-
mote setting functions becomes available
for model FHC.
Remark: When the communication module is con-
nected, the operation mode of external
zero/span adjustable screw is limited to
zero adjustment only.
ACCESSORIES
–40
60
–15
85
120
None-operating
area
2.7
{27}
4
{40}
20
Process temperature[
°C ]
{200}
101
{1010}
[kPa abs]
{mbar abs}
Silicone oil (Code:Y,G,N)
Silicone oil (Code:R)
Operating
area
1
2
Optional features
Indicator:
A plug-in analog indicator (1.5% accuracy)
can be housed in the electronics compart-
ment or in the terminal box of the housing.
An optional 4
digits LCD meter is also
available.
Arrester:
A built-in arrester protects the electronics
from lightning surges.
Lightning surge immunity:
4KV (1.2
× 50µs)
Oxygen service:
Special cleaning procedures are followed
throughout the process to maintain all pro-
cess wetted parts oil-free.
The fill fluid is fluorinated oil.
Chlorine service: The fill fluid is fluorinated oil.


Similar Part No. - EDSX6-100

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-101 FUJI-EDSX6-101 Datasheet
126Kb / 8P
   FCX ??AX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-102 FUJI-EDSX6-102 Datasheet
163Kb / 8P
   FCX ??AX SERIES FLOW TRANSMITTER
EDSX6-103 FUJI-EDSX6-103 Datasheet
222Kb / 12P
   FCX ??AX SERIES SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-104 FUJI-EDSX6-104 Datasheet
116Kb / 8P
   FCX ??C SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-105 FUJI-EDSX6-105 Datasheet
106Kb / 8P
   FCX - C SERIES FLOW TRANSMITTER
More results

Similar Description - EDSX6-100

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX5-73 FUJI-EDSX5-73 Datasheet
165Kb / 8P
   FCX ??AX SERIES PRESSURE TRANSMITTER
EDSX6-101 FUJI-EDSX6-101 Datasheet
126Kb / 8P
   FCX ??AX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX5-71 FUJI-EDSX5-71 Datasheet
120Kb / 6P
   FCX ??AX SERIES ABSOLUTE PRESSURE TRANSMITTER
EDSX6-106 FUJI-EDSX6-106 Datasheet
134Kb / 8P
   FCX ??AX SERIES DIFFERENTIAL PRESSURE TRANSMITTER Hydroseal짰 Diaphragm Version
EDS6-33B FUJI-EDS6-33B Datasheet
277Kb / 8P
   FCX SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-103 FUJI-EDSX6-103 Datasheet
222Kb / 12P
   FCX ??AX SERIES SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-102 FUJI-EDSX6-102 Datasheet
163Kb / 8P
   FCX ??AX SERIES FLOW TRANSMITTER
EDS6-85E FUJI-EDS6-85E Datasheet
151Kb / 8P
   FCX ??A SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-104 FUJI-EDSX6-104 Datasheet
116Kb / 8P
   FCX ??C SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDSX7-57 FUJI-EDSX7-57 Datasheet
166Kb / 10P
   FCX ??AX SERIES LEVEL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com