Electronic Components Datasheet Search |
|
EDSX6-101 Datasheet(PDF) 3 Page - Fuji Electric |
|
EDSX6-101 Datasheet(HTML) 3 Page - Fuji Electric |
3 / 8 page 3 vv vv v— vv v— vv vv vv vv vv —v v— v— —— vv vv vv vv Dielectric strength: 500V AC, 50/60Hz 1 min., between circuit and earth. Insulation resistance: More than 100M Ω/500V DC. Turn-on time: 4 sec. Internal resistance for external field indicator: 12 Ω or less Physical specifications Electrical connections: G1/2, 1/2-14 NPT, Pg13.5, or M20 × 1.5 conduit, as specified. Process connections: JIS, ANSI, or DIN raised face flanges. JIS: 10K80A, 10K100A, 30K80A, or 30K100A ANSI: 150LB 3", 150LB 4", 300LB 3", or 300LB 4" DIN: PN40 DN80 or PN16 DN100 See OUTLINE DIAGRAM for detailed di- mensions. Diaphragm extension: 0, 50, 100, 150, or 200mm as specified. (See model code. Extended diaphragm is available only with 316L stainless steel or Hastelloy-C diaphragm) Process-wetted parts material: Diaphragm: 316L stainless steel, Hastelloy- C, Monel, Tantalum, Titanium or Zirconium Flange face:316 stainless steel, Hastelloy- C lining Monel lining, or Tantalum lin- ing Extension: 316 stainless steel or Hastelloy-C Performance specifications Accuracy rating: (including linearity, hysteresis, and re- peatability) (Standard) For spans greater than 1/10 of URL: 0.2% of span For spans below 1/10 of URL (Model FKD only): (Option) For spans greater than 1/10 of URL: 0.1% of span For spans below 1/10 of URL (Model FKD only): Linearity: 0.1% of calibrated span Stability: ±0.2% of upper range limit (URL) for 24 months Temperature effect (*): Effects per 28 °C change between the lim- its of – 40 °C and +85°C (Standard) Zero shift: ±0.35% of URL Total effect: ±0.5% of URL (Option) Zero shift: ±0.25% of URL Total effect: ±0.275% of URL Note: * Excluding effect by temperature difference between the seals. +0 –0.1 ± 0.1+0.1 % of span 0.1 × URL Span ( ) ± 0.05+0.05 % of span 0.1 × URL Span ( ) Range code "3" "5" "6" Time constant (*) 2s 1.7 s 1.7 s Dead time Approx. 0.3 s Note: * Capillary length: 1.5m Items Display Set Tag No. Model No. Serial No. Engineering unit Range limit Measuring range Damping Output mode Burnout direction Adjustment Output adjust Data Self diagnoses Printer External switch lock Transmitter display(*) Linearise (**) Rerange (**) Notes: (*) HHC's version must be more than 5.0 (or FXW 1– 2 ), to use this function. (**) HHC's version must be more than 5.3, and Amplifier unit version 24. Static pressure effect: Zero shift; 0.2% of URL for flange rating pressure Double the zero shift for material code. "H", "F", "G", "K", "L", "M", "T", "P" and "R" Span shift: – 0.2 % of calibrated span for flange rating pressure Overrange effect: Zero shift; 0.3% of URL for flange rating pressure Double the effects for material code. "H", "F", "G", "K", "L", "M", "T", "P" and "R" Supply voltage effect: Less than 0.05% fo calibrated span per 10V RFI effect: Less than 0.2% of URL for the frequen- cies of 20 to 1000MHz and field strength 30 V/m when electronics covers on. (Classification: 2-abc: 0.2% span per SAMA PMC 33.1) Step response: (without electrical damping) Humidity limit: 0 to 100% RH Communication: (Model FKD only) With HHC (Model FXW, consult Data Sheet No. EDS8-47), following informa- tion can be remotely displayed or recon- figured. Programmable output linearization function: In smart version, output signal can be characterized with “14 points linear ap- proximation function” from HHC. |
Similar Part No. - EDSX6-101 |
|
Similar Description - EDSX6-101 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |