Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX6-116K Datasheet(PDF) 4 Page - Fuji Electric

Part # EDSX6-116K
Description  SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX6-116K Datasheet(HTML) 4 Page - Fuji Electric

  EDSX6-116K Datasheet HTML 1Page - Fuji Electric EDSX6-116K Datasheet HTML 2Page - Fuji Electric EDSX6-116K Datasheet HTML 3Page - Fuji Electric EDSX6-116K Datasheet HTML 4Page - Fuji Electric EDSX6-116K Datasheet HTML 5Page - Fuji Electric EDSX6-116K Datasheet HTML 6Page - Fuji Electric EDSX6-116K Datasheet HTML 7Page - Fuji Electric EDSX6-116K Datasheet HTML 8Page - Fuji Electric EDSX6-116K Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FKX...4
Zero shift:
±0.5%/28°C
(x equal to 1/2 URL or more)
Zero shift;
± (0.5
)%/28
°C
(x less than 1/2 URL)
Total shift;
±0.75%/28°C
(x less than 1/2 URL or more)
Total shift;
±(0.25 + 0.5
)%/28
°C
(x less than 1/2 URL)
(option) (Code; 21th digit J,K)
Zero shift:
±0.5%/28°C
(x equal to 1/6.5 URL or more)
Zero shift;
± (0.5
)%/28
°C
(x less than 1/6.5 URL)
Total shift;
±0.75%/28°C
(x equal to 1/6.5 URL or more)
Total shift;
±(0.25 + 0.5
)%/28
°C
(x less than 1/6.5 URL)
Where,
x:
Calibrated span
URL:
Maximum span (Upper Range
Limit)
Note : Above specifications are based on the con-
ditions that flanges and sensor unit are at
the same temperature and in the same
level. If temperature is different at flanges,
capillary or sensor unit, output variation
may increase.
Performance specifications
Reference conditions, silicone oil fill, 316SS isolating diaphragms,
4 to 20mA analog output in linear mode and capillary length 1.5m.
Accuracy rating: (including linearity, hysteresis, and re-
peatability)
(Standard)
For spans greater than 1/10 of URL: 0.25% of span
For spans below 1/10 of URL:
(Option) (Code; 21th digit H,K)
For spans greater than 1/10 of URL: 0.1% of span
For spans below 1/10 of URL:
Stability:
± 0.2% of upper range limit (URL) for 3
years.
Temperature effect:
Effects per 28
°C change between the lim-
its of – 15
°C and +65°C
URL
2 x
URL
2 x
URL
6.5 x
URL
6.5 x
Dielectric strength:
500V AC, 50/60Hz 1 min., between circuit
and earth.
Insulation resistance:
More than 100M
Ω at 500V DC.
Turn-on time:
4 sec.
Internal resistance for external field indicator:
12
Ω or less
Static pressure effect:
Zero shift; 0.2% of URL/1MPa (10 bar)
Span shift: – 0.2% of calibrated span /
1MPa
Overrange effect: Zero shift; 0.1% of URL for flange nominal
pressure
Supply voltage effect:
Less than 0.005% fo calibrated span per
1V
RFI effect:
Less than 0.2% of URL for the frequen-
cies of 20 to 1000MHz and field strength
30 V/m when electronics covers on.
Update period:
120 msec *)
Step response:
(without electrical damping)
± 0.17+0.08
% of span
0.1 x URL
Span
()
()
± 0.05+0.05
% of span
0.1 x URL
Span
Time constant (*)
1.7 s
Dead time (*)
0.2 s
*) Faster response is available as option
(maximum update rate: 25 times per second).


Similar Part No. - EDSX6-116K

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-111E FUJI-EDSX6-111E Datasheet
293Kb / 8P
   ULTRASONIC FLOWMETER < TIME DELTAF (Flexible Type)>
EDSX6-114J FUJI-EDSX6-114J Datasheet
160Kb / 12P
   DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER
EDSX6-117I FUJI-EDSX6-117I Datasheet
164Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
More results

Similar Description - EDSX6-116K

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-137H FUJI-EDSX6-137H Datasheet
474Kb / 16P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX5-95H FUJI-EDSX5-95H Datasheet
435Kb / 6P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-82K FUJI-EDSX5-82K Datasheet
208Kb / 12P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDS6-96 FUJI-EDS6-96 Datasheet
679Kb / 10P
   FCX-A SERIES SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-103 FUJI-EDSX6-103 Datasheet
222Kb / 12P
   FCX ??AX SERIES SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-117I FUJI-EDSX6-117I Datasheet
164Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-136H FUJI-EDSX6-136H Datasheet
276Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX5-74 FUJI-EDSX5-74 Datasheet
204Kb / 10P
   FCX ??AX SERIES SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDS5-70 FUJI-EDS5-70 Datasheet
662Kb / 10P
   FCX-A SERIES SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDS6-126 FUJI-EDS6-126 Datasheet
121Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com