Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX6-117I Datasheet(PDF) 5 Page - Fuji Electric

Part # EDSX6-117I
Description  REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX6-117I Datasheet(HTML) 5 Page - Fuji Electric

  EDSX6-117I Datasheet HTML 1Page - Fuji Electric EDSX6-117I Datasheet HTML 2Page - Fuji Electric EDSX6-117I Datasheet HTML 3Page - Fuji Electric EDSX6-117I Datasheet HTML 4Page - Fuji Electric EDSX6-117I Datasheet HTML 5Page - Fuji Electric EDSX6-117I Datasheet HTML 6Page - Fuji Electric EDSX6-117I Datasheet HTML 7Page - Fuji Electric EDSX6-117I Datasheet HTML 8Page - Fuji Electric EDSX6-117I Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Optional features
Indicator:
A plug-in analog indicator (2.5% accuracy)
can be housed in the electronics compart-
ment or in the terminal box of the hous-
ing.
An optional 5-digit LCD meter with engi-
neering unit is also available.
Local adjustment unit with LCD display:
An optional 5-digit LCD meter with Zero/
Span adjustment function, loop-check
function and damping adjustment func-
tion, is available.
Arrester:
A built-in arrester protects the electronics
from lightning surges.
Lightning surge immunity:
4kV (1.2
× 50µs)
Oxygen service:
Special cleaning procedures are followed
throughout the process to maintain all pro-
cess wetted parts oil-free.
The fill fluid is fluorinated oil.
Chlorine service: Oil-free procedures as above. Includes
fluorinated oil for fill.
Degreasing:
Process-wetted parts are cleaned, but the
fill fluid is standard silicone oil. Not for use
on oxygen or chlorine measurement.
Vacuum service: Special silicone oil and filling procedure
are applied.
See Fig. 1, Fig. 2.
Optional tag plate:
An extra stainless steel tag for customer
tag data is wired to the transmitter.
Coating of cell:
Cell’s surface is finished with epoxy/poly-
urethane double coating. Specify if envi-
ronment is extremely corrosive.
ACCESSORIES
Hand-held communicator:
(Model FXW, refer to Data Sheet No. EDS
8-47)
Z/S board:
Parts No.=ZZPFCX4-A070
When Z/S board is mounted on the FCX–
A
2 amplifier unit, external adjustment
screw will be available for zero and span
adjustment.
Fig. 2 Relation between process temperature and
operating pressure
Silicone (Code Y,G)
Silicone (Code S)
Operating area
Silicone (Code T)
101
{1010}
53.3
{533}
13.3
{133}
2.7
{27}
[kPa abs]
{mbar abs}
–40 –15
60
85
120
200 230 250
300
Process temperature[
°C ]
Sealing liquid:Silicone (Code K)
Operating area
Non-operating
area
101
{1010}
0.27
{2.7}
0.13
{1.3}
[kPa abs]
{mbar abs}
200
–15
100
Process temperature[
°C ]
Fig. 1 Relation between process temperature and
operating pressure


Similar Part No. - EDSX6-117I

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-111E FUJI-EDSX6-111E Datasheet
293Kb / 8P
   ULTRASONIC FLOWMETER < TIME DELTAF (Flexible Type)>
EDSX6-114J FUJI-EDSX6-114J Datasheet
160Kb / 12P
   DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER
EDSX6-116K FUJI-EDSX6-116K Datasheet
189Kb / 12P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
More results

Similar Description - EDSX6-117I

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-136H FUJI-EDSX6-136H Datasheet
276Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-126 FUJI-EDS6-126 Datasheet
121Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
EDSX6-116K FUJI-EDSX6-116K Datasheet
189Kb / 12P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-137H FUJI-EDSX6-137H Datasheet
474Kb / 16P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-34F FUJI-EDS6-34F Datasheet
300Kb / 8P
   FCX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX5-94H FUJI-EDSX5-94H Datasheet
329Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-83J FUJI-EDSX5-83J Datasheet
187Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX6-101 FUJI-EDSX6-101 Datasheet
126Kb / 8P
   FCX ??AX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-86E FUJI-EDS6-86E Datasheet
368Kb / 8P
   FCX-A SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS5-89 FUJI-EDS5-89 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com