Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX6-136H Datasheet(PDF) 10 Page - Fuji Electric

Part # EDSX6-136H
Description  REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX6-136H Datasheet(HTML) 10 Page - Fuji Electric

Back Button EDSX6-136H Datasheet HTML 4Page - Fuji Electric EDSX6-136H Datasheet HTML 5Page - Fuji Electric EDSX6-136H Datasheet HTML 6Page - Fuji Electric EDSX6-136H Datasheet HTML 7Page - Fuji Electric EDSX6-136H Datasheet HTML 8Page - Fuji Electric EDSX6-136H Datasheet HTML 9Page - Fuji Electric EDSX6-136H Datasheet HTML 10Page - Fuji Electric EDSX6-136H Datasheet HTML 11Page - Fuji Electric EDSX6-136H Datasheet HTML 12Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FKD...5
<AMP. case: T type>
4th digit of the
code symbols
Conduit conn.
JK
M
G 1/2
18
2
1/2-14NPT
16
4
Pg13.5
10.5 4.5
M20×1.5
16
4
5
V, W, J, H, M, T, P, R
0
12.7∼18.2
A
50
13.7∼29.2
B
100
14.2∼29.7
C
150
14.7∼30.2
D
200
15.2∼30.7
6
7
8
MASS.APPROX(kg)
IN CASE OF 4TH DIGIT CODE "6"
IN CASE OF 4TH DIGIT CODE "5,7,8"
ZERO ADJ. SCREW
MTG. PIPE JIS 50A (2B)
EARTH TERMINAL
N HOLES h DIA
H.P.
L.P.
2-M8X12
S
57
37
208
242
127
20
62
70
120
TABLE 1
D, Q
1.5
E, R
3
L, S
5
F, T
6
M, V
7
N, W
8
P, X
10
S(m)
<WAFER TYPE>
80A, 3B
116
100A, 4B
141
Q
L
INNER OF GASKET
2-M6 SCREW
DEPTH 9
20
SEE TABLE1
DETAIL "B"
(CONDUIT CONN.)
φ15
J
INNER OF GASKET
FLANGE
38
4 HOLES 9 DIA.
U-BOLT M8
"B" CONDUIT CONN.
WITH ANALOG IND.
WITH DIGITAL IND.
(11)
(21)
7th digit of the
code symbols
11th digit of the
code symbols
L
20
t
5th digit of the
code symbols
0, A, S
φD
185
φE
150
φG
100
73
t
38
P
116
N-φh
8-19
FLANGE
JIS-10K-80A
M
200
160
100
73
42
116
8-23
JIS-20K-80A
2, C
210
170
100
73
48
116
8-23
JIS-30K-80A
1, B
210
175
103
96
38
141
8-19
JIS-10K-100A
3, D
240
195
103
96
52
141
8-25
JIS-30K-100A
4, E, T
191
152.5
100
73
44
116
4-20
ANSI 150LB 3B
6, G, V
210
168
100
73
49
116
8-23
ANSI 300LB 3B
R, X
210
168
100
73
52
116
8-23
ANSI 600LB 3B
5, F, U
229
190.5
103
96
44
141
8-20
ANSI 150LB 4B
7, H, W
254
200
103
96
52
141
8-23
ANSI 300LB 4B
8, J
200
160
100
73
44
116
8-18
DIN PN40 DN80
9, K
220
180
126
126
126
151
151
126
126
126
151
151
126
151
134
134
134
158
158
134
134
134
158
158
134
158
103
96
40
141
8-18
DIN PN16 DN100
φH±1
Standard
materials
specification
Note 1
φF
Corrosion-
resistant
materials
specification
Note 2
Note1) In case of the 7th digit of type code is V, A, B, C, D, J or W.
Note2) In case of the 7th digit of type code is H, M, T, P or R.
<SS TAG PLATE>
CONNECTION DIAGRAM
+
−/CK− CK+
20


Similar Part No. - EDSX6-136H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-134H FUJI-EDSX6-134H Datasheet
318Kb / 12P
   DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER
EDSX6-135H FUJI-EDSX6-135H Datasheet
294Kb / 8P
   DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER Hydroseal짰 Diaphragm Version
EDSX6-137H FUJI-EDSX6-137H Datasheet
474Kb / 16P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-139H FUJI-EDSX6-139H Datasheet
1Mb / 12P
   PORTABLE TYPE ULTRASONIC FLOWMETER (PORTAFLOW-C)
More results

Similar Description - EDSX6-136H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-117I FUJI-EDSX6-117I Datasheet
164Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-126 FUJI-EDS6-126 Datasheet
121Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
EDSX6-116K FUJI-EDSX6-116K Datasheet
189Kb / 12P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-137H FUJI-EDSX6-137H Datasheet
474Kb / 16P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-34F FUJI-EDS6-34F Datasheet
300Kb / 8P
   FCX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX5-94H FUJI-EDSX5-94H Datasheet
329Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-83J FUJI-EDSX5-83J Datasheet
187Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX6-101 FUJI-EDSX6-101 Datasheet
126Kb / 8P
   FCX ??AX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-86E FUJI-EDS6-86E Datasheet
368Kb / 8P
   FCX-A SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS5-89 FUJI-EDS5-89 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com