Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX6-136H Datasheet(PDF) 2 Page - Fuji Electric

Part # EDSX6-136H
Description  REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX6-136H Datasheet(HTML) 2 Page - Fuji Electric

  EDSX6-136H Datasheet HTML 1Page - Fuji Electric EDSX6-136H Datasheet HTML 2Page - Fuji Electric EDSX6-136H Datasheet HTML 3Page - Fuji Electric EDSX6-136H Datasheet HTML 4Page - Fuji Electric EDSX6-136H Datasheet HTML 5Page - Fuji Electric EDSX6-136H Datasheet HTML 6Page - Fuji Electric EDSX6-136H Datasheet HTML 7Page - Fuji Electric EDSX6-136H Datasheet HTML 8Page - Fuji Electric EDSX6-136H Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FKD...5
Process:
Fill fluid
Code in the
13th digit of
“Code symbols”
Process
temperature
Lower limit
of
static press.
Fluorinated oil
W, A and D
−20 to 120°C
Atmospheric
pressure
Silicone oil
H
−15 to 250°C
J
20 to 300°C
Y and G
−40 to 180°C
2.7kPa abs
{20mmHg
abs}
S
−15 to 250°C
T
20 to 300°C
K
−15 to 200°C
0.13kPa abs
{1mmHg abs}
or more
Storage: −40 to +90°C
Humidity limit:
0 to 100% RH
Communication: With HHC(1) (Model FXW, consult Data
Sheet No. EDS8-47), following items can
be remotely displayed or configured.
Note: HHC’s version must be higher than 7.0
(or FXW
1− 4), for FCX–A
III.
Local configurator with LCD display (option):
Local configurator with 3 push button
and LCD display can support following
items.
Items
By communication
with FXW
By local configurator
(with 3 push button)
Display
Set
Display
Set
Tag No.
vvvv
Model No.
vvvv
Serial No. & Software Version
v
v
Engineering unit
vvvv
Range limit
v
v
Measuring range
vvvv
Damping
vvvv
Output mode
Linear
vvvv
Square root
vvvv
Burnout direction
vvvv
Calibration
vvvv
Output adjust
v
v
Data
v
v
Self diagnoses
v
v
Printer (In case of FXW with
printer option)
v
———
External switch lock
vvvv
Transmitter display
vvvv
Linearize
vv
——
Rerange
vvvv
Saturate current
vvvv
Write protect
vvvv
History
– Calibration history
– Ambient temperature history
v
v
v
v
v
v
Programmable output linearization function:
Output signal can be characterized with
“14 points linear approximation function”
from HHC(1).
EMC Conformity: EN61326-1: 2006
(Note)
(1) HHC: Hand Held Communicator
Load limitations: see figure below
2000
[
Ω]
1500
1000
500
250
0
1474
Ω
577
Ω
Operating
area
24V
45V
10
16.35
50
E[ V ]
10.5V
Power voltage (DC)
R=
E-10.5
(Imax+0.9)x10-3
Note: For communication with HHC(1) (Model: FXW), min. of 250
 is
required.
Hazardous locations: TABLE 2
Zero/span adjustment:
Zero and span are adjustable from the
HHC(1). Zero and span are also adjustable
externally from the adjustment screw.
Damping:
Adjustable from HHC or local configurator
unit with LCD display.
The time constant is adjustable between
0.06 to 32 seconds.
Zero elevation/suppression:
−100% to +100% of URL
Normal/reverse action:
Selectable from HHC(1)
Indication:
Analog indicator or 5-digit LCD meter, as
specified.
Burnout direction: Selectable from HHC(1)
If self-diagnostic detect transmitter fail-
ure, the analog signal will be driven to ei-
ther “Output Hold”, “Output Overscale”
or “Output Underscale” modes.
“Output Hold”: Output signal is hold as the value just
before failure happens.
“Output Overscale”: Adjustable within the range 20.0mA
to 22.5mA from HHC(1)
“Output Underscale”: Adjustable within the range 3.2mA
to 4.0mA from HHC(1)
3.2
4
20
22.5 [mA]
Over scale
Burnout
Probable over range
Probable under range
Normal operating range
Under scale
Burnout
Output limits conforming to NAMUR NE43 by order.
Loop-check output:
Transmitter can be configured to provide
constant signal 3.2mA through 22.5mA
by HHC(1).
Temperature limit:
Ambient: −40 to + 85°C
(−20 to + 80°C for LCD indicator)
(−40 to + 60°C for arrester option)
(−10 to + 60°C for fluorinated oil fill transmitter)
(−10 to + 85°C for silicone oil “H”, “S”, “K”) *)
(+ 20 to + 85°C for silicone oil “J”, “T”) *)
*) In case of capillary length is more than 7m, max
temperature is +55°C.
For explosionproof units (flameproof or intrinsic safety),
ambient temperature must be within the limits speci-
fied in each standard.


Similar Part No. - EDSX6-136H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-134H FUJI-EDSX6-134H Datasheet
318Kb / 12P
   DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER
EDSX6-135H FUJI-EDSX6-135H Datasheet
294Kb / 8P
   DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER Hydroseal짰 Diaphragm Version
EDSX6-137H FUJI-EDSX6-137H Datasheet
474Kb / 16P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-139H FUJI-EDSX6-139H Datasheet
1Mb / 12P
   PORTABLE TYPE ULTRASONIC FLOWMETER (PORTAFLOW-C)
More results

Similar Description - EDSX6-136H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX6-117I FUJI-EDSX6-117I Datasheet
164Kb / 12P
   REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-126 FUJI-EDS6-126 Datasheet
121Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
EDSX6-116K FUJI-EDSX6-116K Datasheet
189Kb / 12P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-137H FUJI-EDSX6-137H Datasheet
474Kb / 16P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-34F FUJI-EDS6-34F Datasheet
300Kb / 8P
   FCX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX5-94H FUJI-EDSX5-94H Datasheet
329Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-83J FUJI-EDSX5-83J Datasheet
187Kb / 12P
   REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX6-101 FUJI-EDSX6-101 Datasheet
126Kb / 8P
   FCX ??AX SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-86E FUJI-EDS6-86E Datasheet
368Kb / 8P
   FCX-A SERIES REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDS5-89 FUJI-EDS5-89 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com