Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX7-62K Datasheet(PDF) 6 Page - Fuji Electric

Part # EDSX7-62K
Description  SMALL FLANGE LEVEL TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX7-62K Datasheet(HTML) 6 Page - Fuji Electric

Back Button EDSX7-62K Datasheet HTML 2Page - Fuji Electric EDSX7-62K Datasheet HTML 3Page - Fuji Electric EDSX7-62K Datasheet HTML 4Page - Fuji Electric EDSX7-62K Datasheet HTML 5Page - Fuji Electric EDSX7-62K Datasheet HTML 6Page - Fuji Electric EDSX7-62K Datasheet HTML 7Page - Fuji Electric EDSX7-62K Datasheet HTML 8Page - Fuji Electric EDSX7-62K Datasheet HTML 9Page - Fuji Electric EDSX7-62K Datasheet HTML 10Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FKY...4
6
Diaphragm &
flange face
316 stainless steel
Diaphragm:
316L stainless steel
+Au coating
Flange face:
316 stainless steel
Hastelloy-C
Monel
Tantalum
Hastelloy-C
Monel
Tantalum
Hastelloy-C
Monel
Tantalum
0
1
2
3
4
5
A
B
C
D
G
H
J
K
L
M
Q
R
S
T
3
5
6
V
J
C
D
E
H
M
T
B
L
U
A
B
C
D
E
S
T
V
W
X
HP side
LP side
Description
Digit
4
5
6
7
<Connections>
Process
connection
Rc1/4
1/4-18NPT
1/4-18NPT
1/4-18NPT
1/4-18NPT
Rc1/4
1/4-18NPT
1/4-18NPT
1/4-18NPT
1/4-18NPT
<Mounting flange>
Material
Size and rating
304 stainless
JIS 10K 40A
steel
JIS 10K 50A
JIS 20K 40A
JIS 20K 50A
JIS 30K 40A
JIS 30K 50A
ANSI/JPI 150LB 11/2"
ANSI/JPI 150LB 2"
ANSI/JPI 300LB 11/2"
ANSI/JPI 300LB 2"
Carbon steel
JIS 10K 40A
JIS 10K 50A
JIS 20K 40A
JIS 20K 50A
JIS 30K 40A
JIS 30K 50A
ANSI/JPI 150LB 11/2"
ANSI/JPI 150LB 2"
ANSI/JPI 300LB 11/2"
ANSI/JPI 300LB 2"
<Span limit [kPa] {m bar}>
3
32
{ 30
320}
13
130
{130
1300}
50
500
{500
5000}
<Material>
Process cover
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
Hastelloy-C lining
Monel lining
Tantalum lining
Oval flange
screw
7/16-20UNF
7/16-20UNF
M10 (or M12)
M10 (or M12)
7/16-20UNF
7/16-20UNF
7/16-20UNF
M10 (or M12)
M10 (or M12)
7/16-20UNF
Conduit
connection
G 1/2
(
×1)
1/2-14NPT (
×1)
Pg13.5
(
×1)
M20
×1.5 (×1)
Pg13.5
(
×1)
G 1/2
(
×2)
1/2-14NPT (
×2)
Pg13.5
(
×2)
M20
×1.5 (×2)
Pg13.5
(
×2)
4567
123
F4
KY
89 10 11 12 13
14 15
21
Digit No.
of code
Diaphragm
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
Hastelloy-C
Monel
Tantalum
Hastelloy-C
Monel
Tantalum
Wetted sensor
body
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
Hastelloy-C lining
Monel lining
Tantalum lining
Hastelloy-C lining
Monel lining
Tantalum lining
Note 1: (*1)
100% turn down is possible for model FKY, but should be used within indicated span for better performance.
Combination with
12th digit code
"C, E, P, Q" are
not available.
CODE SYMBOLS


Similar Part No. - EDSX7-62K

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX7-60J FUJI-EDSX7-60J Datasheet
166Kb / 12P
   LEVEL TRANSMITTER
EDSX7-66H FUJI-EDSX7-66H Datasheet
266Kb / 12P
   LEVEL TRANSMITTER
EDSX7-67H FUJI-EDSX7-67H Datasheet
271Kb / 12P
   SMALL FLANGE LEVEL TRANSMITTER
More results

Similar Description - EDSX7-62K

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX7-67H FUJI-EDSX7-67H Datasheet
271Kb / 12P
   SMALL FLANGE LEVEL TRANSMITTER
EDS7-56 FUJI-EDS7-56 Datasheet
555Kb / 8P
   FCX-A SERIES SMALL FLANGE LEVEL TRANSMITTER
EDSX7-58 FUJI-EDSX7-58 Datasheet
166Kb / 8P
   FCX ??AX SERIES SMALL FLANGE LEVEL TRANSMITTER
EDS7-52A FUJI-EDS7-52A Datasheet
264Kb / 6P
   OPTICAL FLANGE TYPE LIQUID LEVEL TRANSMITTER
EDSX5-95H FUJI-EDSX5-95H Datasheet
435Kb / 6P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-82K FUJI-EDSX5-82K Datasheet
208Kb / 12P
   SMALL FLANGE REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDS7-101A FUJI-EDS7-101A Datasheet
159Kb / 6P
   FC SERIES LIQUID LEVEL TRANSMITTER (FLANGE TYPE)
EDSX6-116K FUJI-EDSX6-116K Datasheet
189Kb / 12P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX6-137H FUJI-EDSX6-137H Datasheet
474Kb / 16P
   SMALL FLANGE REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
EDSX7-66H FUJI-EDSX7-66H Datasheet
266Kb / 12P
   LEVEL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com