Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX7-66H Datasheet(PDF) 6 Page - Fuji Electric

Part # EDSX7-66H
Description  LEVEL TRANSMITTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX7-66H Datasheet(HTML) 6 Page - Fuji Electric

Back Button EDSX7-66H Datasheet HTML 2Page - Fuji Electric EDSX7-66H Datasheet HTML 3Page - Fuji Electric EDSX7-66H Datasheet HTML 4Page - Fuji Electric EDSX7-66H Datasheet HTML 5Page - Fuji Electric EDSX7-66H Datasheet HTML 6Page - Fuji Electric EDSX7-66H Datasheet HTML 7Page - Fuji Electric EDSX7-66H Datasheet HTML 8Page - Fuji Electric EDSX7-66H Datasheet HTML 9Page - Fuji Electric EDSX7-66H Datasheet HTML 10Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FKE...5
5
6
7
8
9
S
T
V
W
X
HP side
LP side
0
1
2
3
4
5
6
7
8
9
M
R
A
B
C
D
E
F
G
H
J
K
S
T
U
V
W
X
3
5
6
V
C
D
E
J
H
M
T
P
R
Diaphragm
316L stainless steel
316L stainless steel
316L stainless steel
316L stainless steel
316L stainless steel
Hastelloy-C
Monel
Tantalum
316L stainless steel
316L stainless steel
Diaphragm and
flange face
316L stainless steel
Hastelloy-C
Monel
Tantalum
Diaphram:
316L stainless steel
+Au coating
Flange face:
316 stainless steel
Hastelloy-C
Monel
Tantalum
Titanium
Zirconium
Wetted sensor
body
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
Hastelloy-C lining
Monel lining
Tantalum lining
316 stainless steel
316 stainless steel
<Low pressure Connections>
<Process connection>
<Oval flange screw>
<Conduit connection> <Case type>
Rc1/4
7/16-20UNF
G1/2
T type
1/4-18NPT
7/16-20UNF
1/2-14NPT
T type
1/4-18NPT
M10
Pg 13.5
T type
1/4-18NPT
M10
M20×1.5
T type
1/4-18NPT
7/16-20UNF
Pg 13.5
T type
Rc1/4
7/16-20UNF
G1/2
L type
1/4-18NPT
7/16-20UNF
1/2-14NPT
L type
1/4-18NPT
M10
Pg 13.5
L type
1/4-18NPT
M10
M20×1.5
L type
1/4-18NPT
7/16-20UNF
Pg 13.5
L type
<Mounting flange>
Material
Size and rating
304 stainless
JIS 10K 80A
steel
JIS 10K 100A
JIS 30K 80A
JIS 30K 100A
ANSI/JPI 150LB 3"
ANSI/JPI 150LB 4"
ANSI/JPI 300LB 3"
ANSI/JPI 300LB 4"
DIN PN40 DN80
DIN PN16 DN100
JIS 20K 80A
ANSI/JPI 600LB 3B
Carbon steel
JIS 10K 80A
JIS 10K 100A
JIS 30K 80A
JIS 30K 100A
ANSI/JPI 150LB 3"
ANSI/JPI 150LB 4"
ANSI/JPI 300LB 3"
ANSI/JPI 300LB 4"
DIN PN40 DN80
DIN PN16 DN100
316 stainless
JIS 10K 80A
steel
ANSI/JPI 150LB 3B
ANSI/JPI 150LB 4B
ANSI/JPI 300LB 3B
ANSI/JPI 300LB 4B
ANSI/JPI 600LB 3B
<Span limit (*1) [kPa] {m bar}>
0.32
32
{3.2
320}
1.3
130
{13
1300}
5
500
{50
5000} (*2)
<Material>
Process cover
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
316 stainless steel
Description
Note 1
Note 2
Note 3
Note 3
Digit
4
5
6
7
4567
123
F5
KE
89 10 11 12 13
14 15
21
Digit No.
of code
Note
Note 1: (*1) 100: 1 turn down is possible, but should be used at a span greater than 1/40 of the maximum span for better performance.
Note 2: (*2) Not available for 7th digit code "R".
Note 3: (*3) 5th digit code "0, 2, 4, 6, 8, A, C, E, G, J" are available.
CODE SYMBOLS


Similar Part No. - EDSX7-66H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX7-60J FUJI-EDSX7-60J Datasheet
166Kb / 12P
   LEVEL TRANSMITTER
EDSX7-62K FUJI-EDSX7-62K Datasheet
157Kb / 12P
   SMALL FLANGE LEVEL TRANSMITTER
EDSX7-67H FUJI-EDSX7-67H Datasheet
271Kb / 12P
   SMALL FLANGE LEVEL TRANSMITTER
More results

Similar Description - EDSX7-66H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX7-60J FUJI-EDSX7-60J Datasheet
166Kb / 12P
   LEVEL TRANSMITTER
logo
Magnetrol International...
082-8003-404 MAGNETROL-082-8003-404 Datasheet
781Kb / 24P
   RF Level Transmitter
logo
Cynergy3 Co
ILS CYNERGY3-ILS Datasheet
56Kb / 2P
   Submersible Level Transmitter
ILSU CYNERGY3-ILSU Datasheet
60Kb / 2P
   Submersible Level Transmitter
logo
List of Unclassifed Man...
313L ETC2-313L Datasheet
92Kb / 2P
   SUBMERSIBLE LEVEL TRANSMITTER
logo
Fuji Electric
EDS7-65D FUJI-EDS7-65D Datasheet
167Kb / 4P
   WATER LEVEL TRANSMITTER
EDS7-63 FUJI-EDS7-63 Datasheet
108Kb / 8P
   OPTICAL LEVEL TRANSMITTER
logo
Magnetrol International...
E3A-JA3A-F11 MAGNETROL-E3A-JA3A-F11 Datasheet
2Mb / 60P
   Liquid Level Displacer Transmitter
logo
Fuji Electric
EDSX7-62K FUJI-EDSX7-62K Datasheet
157Kb / 12P
   SMALL FLANGE LEVEL TRANSMITTER
logo
Magnetrol International...
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
   GuidedWave Radar Level Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com