Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1280G Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 1280G
Description  Bulk Metal® Foil Technology Ultra High Precision Trimming Potentiometers 3/4" Rectilinear
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1280G Datasheet(HTML) 4 Page - Vishay Siliconix

  1280G_10 Datasheet HTML 1Page - Vishay Siliconix 1280G_10 Datasheet HTML 2Page - Vishay Siliconix 1280G_10 Datasheet HTML 3Page - Vishay Siliconix 1280G_10 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Vishay Precision Group
Document No.: 63999
Revision: 27-Apr-11
www.vishaypg.com
1
Legal Disclaimer Notice
ALL PRODUCTS, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE.
Vishay Precision Group, Inc., its affiliates, agents, and employees, and all persons acting on its or their
behalf (collectively, “Vishay Precision Group”), disclaim any and all liability for any errors, inaccuracies or
incompleteness contained herein or in any other disclosure relating to any product.
The product specifications do not expand or otherwise modify Vishay Precision Group’s terms and conditions of
purchase, including but not limited to, the warranty expressed therein.
Vishay Precision Group makes no warranty, representation or guarantee other than as set forth in the terms
and conditions of purchase.
To the maximum extent permitted by applicable law, Vishay Precision Group
disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability,
including without limitation special, consequential or incidental damages, and (iii) any and all implied
warranties, including warranties of fitness for particular purpose, non-infringement and merchantability.
Information provided in datasheets and/or specifications may vary from actual results in different applications
and performance may vary over time. Statements regarding the suitability of products for certain types of
applications are based on Vishay Precision Group’s knowledge of typical requirements that are often placed on
Vishay Precision Group products. It is the customer’s responsibility to validate that a particular product with the
properties described in the product specification is suitable for use in a particular application.
No license, express, implied, or otherwise, to any intellectual property rights is granted by this document, or by
any conduct of Vishay Precision Group.
The products shown herein are not designed for use in life-saving or life-sustaining applications unless otherwise
expressly indicated. Customers using or selling Vishay Precision Group products not expressly indicated for use
in such applications do so entirely at their own risk and agree to fully indemnify Vishay Precision Group for any
damages arising or resulting from such use or sale. Please contact authorized Vishay Precision Group personnel
to obtain written terms and conditions regarding products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.
Legal Disclaimer Notice
Disclaimer
Document No.: 63999
Revision: 27-Apr-11


Similar Part No. - 1280G_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1280G100R VISHAY-1280G100R Datasheet
147Kb / 2P
   VISHAY 1280 AND 1285G SERIES Precision Trimming Potentiometers
1280G100RJ VISHAY-1280G100RJ Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
1280G100RK VISHAY-1280G100RK Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com