Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP-6 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP-6
Description  Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP-6 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP-6 Datasheet HTML 1Page - Vishay Siliconix TSOP-6 Datasheet HTML 2Page - Vishay Siliconix TSOP-6 Datasheet HTML 3Page - Vishay Siliconix TSOP-6 Datasheet HTML 4Page - Vishay Siliconix TSOP-6 Datasheet HTML 5Page - Vishay Siliconix TSOP-6 Datasheet HTML 6Page - Vishay Siliconix TSOP-6 Datasheet HTML 7Page - Vishay Siliconix TSOP-6 Datasheet HTML 8Page - Vishay Siliconix TSOP-6 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SQ3418EEV
www.vishay.com
Vishay Siliconix
S11-2124-Rev. C, 07-Nov-11
1
Document Number: 65357
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
• Typical ESD Protection 800 V
• AEC-Q101 Qualifiedd
•100 % Rg and UIS Tested
• Compliant to RoHS Directive 2002/95/EC
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR-4 material).
d. Parametric verification ongoing.
PRODUCT SUMMARY
VDS (V)
40
RDS(on) () at VGS = 10 V
0.032
RDS(on) () at VGS = 4.5 V
0.048
ID (A)
8
Configuration
Single
N-Channel MOSFET
(4) S
(1, 2, 5, 6) D
(3) G
TSOP-6
Top V iew
6
4
1
2
3
5
2.85 mm
3 mm
Marking Code: 8Bxxx
ORDERING INFORMATION
Package
TSOP-6
Lead (Pb)-free and Halogen-free
SQ3418EEV-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °Ca
ID
8
A
TC = 125 °C
5
Continuous Source Current (Diode Conduction)
IS
6
Pulsed Drain Currentb
IDM
32
Single Pulse Avalanche Current
L = 0.1 mH
IAS
5
Single Pulse Avalanche Energy
EAS
1.2
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
5
W
TC = 125 °C
1.6
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
110
°C/W
Junction-to-Foot (Drain)
RthJF
30


Similar Part No. - TSOP-6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP-6 VISHAY-TSOP-6 Datasheet
213Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
211Kb / 11P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
211Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
134Kb / 7P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 06-Jun-11
More results

Similar Description - TSOP-6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50N04-3M5L VISHAY-SQD50N04-3M5L Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 20-Aug-12
SQS400EN VISHAY-SQS400EN Datasheet
563Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 31-Oct-11
SQ2318AES VISHAY-SQ2318AES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
SQS484ENW VISHAY-SQS484ENW Datasheet
215Kb / 7P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 24-Oct-16
SQM120N04-1M7 VISHAY-SQM120N04-1M7_15 Datasheet
163Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 12-Mar-12
SQM120N04-1M9 VISHAY-SQM120N04-1M9_15 Datasheet
164Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Apr-12
SQM50N044M1 VISHAY-SQM50N044M1_15 Datasheet
167Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 26-Mar-12
SQM40016EM VISHAY-SQM40016EM_V01 Datasheet
213Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120N04-1M7 VISHAY-SQM120N04-1M7 Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS484ENW VISHAY-SQS484ENW_V02 Datasheet
642Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com