Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP-6 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP-6
Description  Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP-6 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP-6 Datasheet HTML 1Page - Vishay Siliconix TSOP-6 Datasheet HTML 2Page - Vishay Siliconix TSOP-6 Datasheet HTML 3Page - Vishay Siliconix TSOP-6 Datasheet HTML 4Page - Vishay Siliconix TSOP-6 Datasheet HTML 5Page - Vishay Siliconix TSOP-6 Datasheet HTML 6Page - Vishay Siliconix TSOP-6 Datasheet HTML 7Page - Vishay Siliconix TSOP-6 Datasheet HTML 8Page - Vishay Siliconix TSOP-6 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SQ3418EEV
www.vishay.com
Vishay Siliconix
S11-2124-Rev. C, 07-Nov-11
3
Document Number: 65357
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
Transfer Characteristics
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Transconductance
V
GS - Gate-Source Voltage (V)
0.000
0.001
0.002
0.003
0.004
0.005
0
6
12182430
TJ = 25 °C
0
6
12
18
24
30
0
2
4
6
8
10
V
DS -Drain-to-Source Voltage (V)
V
GS = 10 V thru 5 V
V
GS = 3 V
V
GS = 4 V
0
2
4
6
8
10
0
2
4
3
15
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125 °C
T
C = 25 °C
V
GS - Gate-Source Voltage (V)
10-10
10-8
10-6
10-2
10-4
10-3
0
6
12182430
10-9
10-7
10-5
TJ = 25 °C
TJ = 150 °C
0
6
12
18
24
0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125 °C
T
C = 25 °C
0
5
10
15
20
25
0
2
4
6
8
10
I
D - Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C


Similar Part No. - TSOP-6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP-6 VISHAY-TSOP-6 Datasheet
213Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
211Kb / 11P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
211Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
134Kb / 7P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 06-Jun-11
More results

Similar Description - TSOP-6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50N04-3M5L VISHAY-SQD50N04-3M5L Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 20-Aug-12
SQS400EN VISHAY-SQS400EN Datasheet
563Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 31-Oct-11
SQ2318AES VISHAY-SQ2318AES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
SQS484ENW VISHAY-SQS484ENW Datasheet
215Kb / 7P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 24-Oct-16
SQM120N04-1M7 VISHAY-SQM120N04-1M7_15 Datasheet
163Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 12-Mar-12
SQM120N04-1M9 VISHAY-SQM120N04-1M9_15 Datasheet
164Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Apr-12
SQM50N044M1 VISHAY-SQM50N044M1_15 Datasheet
167Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 26-Mar-12
SQM40016EM VISHAY-SQM40016EM_V01 Datasheet
213Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120N04-1M7 VISHAY-SQM120N04-1M7 Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS484ENW VISHAY-SQS484ENW_V02 Datasheet
642Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com