Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX11-133 Datasheet(PDF) 3 Page - Fuji Electric

Part # EDSX11-133
Description  Z SERIES FUZZY CONTROLLER X (48)48mm)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX11-133 Datasheet(HTML) 3 Page - Fuji Electric

  EDSX11-133 Datasheet HTML 1Page - Fuji Electric EDSX11-133 Datasheet HTML 2Page - Fuji Electric EDSX11-133 Datasheet HTML 3Page - Fuji Electric EDSX11-133 Datasheet HTML 4Page - Fuji Electric EDSX11-133 Datasheet HTML 5Page - Fuji Electric EDSX11-133 Datasheet HTML 6Page - Fuji Electric EDSX11-133 Datasheet HTML 7Page - Fuji Electric EDSX11-133 Datasheet HTML 8Page - Fuji Electric EDSX11-133 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Alarm output: 2 points (*)
Note: * Alarm output is limited to 1 point when SPDT contact is
specified for control output 1.
Normally open
SPST contact
220V AC, 1A (resistive load)
Relay contact
output
220V AC, 1A (resistive load)
Relay contact
output
Normally open
SPST contact
(2) Heater break alarm
• Discontinuation is detectable only when a signal-phase
heater is used.
• Primary input of current transformer (CT)(*) : 1 to 50A
Note: *
The current transformer (CT) need be ordered
separately from this controller (CT is installed
outside the controller)
6. Protection from power failure
Set value, PID parameters, etc. are retained in the
nonvolatile memory unit. Therefore, on power recovery,
control restarts according to the values effective just
before power failure.
7. Self-diagnosis
Program error is monitored with a watch dog timer.
8. Operating and storage conditions
(1) Allowable ambient temperature:
–10 to 50
°C
(2) Allowable ambient humidity:
90% RH max. (free from condensation)
(3) Storage temperature:
–20 to 60
°C
9. Rating specifications
(1) Power supply:100–15% to 240+10%V AC
(2) Power consumption:
About 10VA, 100V AC
About 18VA, 240V AC
(3) Dielectric strength:
1500V AC for 1 minute between power
terminal and:
input terminal
communication terminal
output terminal
relay terminal
500V AC for 1 minutes (at other locations)
(4) Insulation resistance:
50M
Ω min. (at 500V DC)
10. Physical data
(1) Installation method:
Flush on panel
(2) Enclosure:
Plastic housing
(3) External dimensions (H x W x D):
48 x 48 x 115 mm
(4) Mass {weight}:
Approx. 200 g
(5) Finish color: Munsell N1.5 (black)
(6) External terminal:
Screw terminal M3.5
11. Scope of delivery
Controller and mounting bracket
[Item requiring separate order: Current transformer (CT)
for heater break alarm]
No
No
No
No
Yes*(3)
Yes
No
Column "7"
Column "9"
Column "12"
AB C D
Control
Output2
Dual
function
1 point 2 points HB
4 ramp/soak+
start/reset
RS-485 RS-485+
4 ramp/soak
Re-transmission
PQ
R
S
A
B
C
Additional function
Yes
Yes
No
No
No
No
Yes*(1)
No
No
Notes:*(1):This selection is inhibited when Column "6" is "G" or "H"
*(2):This selection is inhibited when Column "6" is "C" or "D" or "E" or "F"
*(3):This selection is valid only when Column "6" is "A" or "B"
Alarm
12
3
4
HB+1
point
No
No
No
Yes*(2)
No
SV
selection
Option combination
Re-transmission+
4 ramp/soak
No
Yes
No
Remote
SV
CODE SYMBOLS
Y
PX
1
10
2
1
345678
11 12 13
9
Description
Front panel size [mm]
48 x 48
Front panel label
English label in
°C
English label in
°F
English label in %
Additional function
Without
SV selection command input(DI)
4 ramp/soak + start/reset
RS-485(*1)(Fuji original protocol)
RS-485(*1) +4 ramp/soak
RS-485(*2)(Modbus® RTU protocol)
RS-485(*2) +4 ramp/soak
Re-transmission
Re-transmission +4 ramp/soak
Remote SV
Input range code
See input range table in Page 2
Alarm function
Without
1 point
2 points
HB detection
HB detection + 1 point
Control output 2
Without
Relay(SPST reverse action)
Relay(SPST direct action)
SSR drive(reverse action)
SSR drive(direct action)
Control output 1
Without
Relay(SPST reverse action)
Relay(SPST direct action)
SSR drive(reverse action)
SSR drive(direct action)
4 to 20mA DC(reverse action)
4 to 20mA DC(direct action)
Relay(SPDT reverse action)
Relay(SPDT direct action)
Kinds of input
TC/RTD/voltage/current
4
-
4 M
M
Y
A
B
C
D
E
F
G
H
Y
P
Q
R
S
M
N
A
B
C
E
F
K
Y
A
B
C
D
0
1
2
3
4
Note: *1) Fuji Electric CC data line protocol.
*2) Modbus® RTU protocol.


Similar Part No. - EDSX11-133

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX11-132E FUJI-EDSX11-132E Datasheet
120Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
EDSX11-134 FUJI-EDSX11-134 Datasheet
148Kb / 10P
   Z SERIES FUZZY CONTROLLER X (48)96, 96)96mm)
EDSX11-135B FUJI-EDSX11-135B Datasheet
112Kb / 12P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDSX11-136B FUJI-EDSX11-136B Datasheet
111Kb / 12P
   FC SERIES SETTER(CONTINUOUS OUTPUT TYPE)
EDSX11-137B FUJI-EDSX11-137B Datasheet
110Kb / 12P
   FC SERIES RATIO SETTER
More results

Similar Description - EDSX11-133

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-87A FUJI-EDS11-87A Datasheet
333Kb / 5P
   48mm TEMPERATURE CONTROLLER(Z-48)
EDSX11-134 FUJI-EDSX11-134 Datasheet
148Kb / 10P
   Z SERIES FUZZY CONTROLLER X (48)96, 96)96mm)
logo
FOTEK CONTROLS CO., LTD...
MT-4896-R-RS-MA FOTEK-MT-4896-R-RS-MA Datasheet
1Mb / 8P
   PIDFuzzy Temperature Controller
logo
Fuji Electric
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
EDS11-159C FUJI-EDS11-159C Datasheet
297Kb / 16P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 96 mm)
logo
Omron Electronics LLC
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C4 OMRON-E5C4 Datasheet
178Kb / 8P
   DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
logo
STMicroelectronics
AFM10 STMICROELECTRONICS-AFM10 Datasheet
89Kb / 4P
   ADAPTIVE FUZZY MODELLER
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
   48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
logo
Omron Electronics LLC
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
   DIN 48 x 48-mm Multifunctional Timer Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com