Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSX11-133 Datasheet(PDF) 7 Page - Fuji Electric

Part # EDSX11-133
Description  Z SERIES FUZZY CONTROLLER X (48)48mm)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDSX11-133 Datasheet(HTML) 7 Page - Fuji Electric

Back Button EDSX11-133 Datasheet HTML 2Page - Fuji Electric EDSX11-133 Datasheet HTML 3Page - Fuji Electric EDSX11-133 Datasheet HTML 4Page - Fuji Electric EDSX11-133 Datasheet HTML 5Page - Fuji Electric EDSX11-133 Datasheet HTML 6Page - Fuji Electric EDSX11-133 Datasheet HTML 7Page - Fuji Electric EDSX11-133 Datasheet HTML 8Page - Fuji Electric EDSX11-133 Datasheet HTML 9Page - Fuji Electric EDSX11-133 Datasheet HTML 10Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
s FUNCTIONS
(1) Fuzzy feedback control
Fuzzy feedback control expresses the basic actions of
PID control in fuzzy rules and has a nonlinear characteristic
in order to straighten out the problem inherent to PID
control (i.e., overshoot occurs when improving response
or instability arises due to a change in system even when
optimum PID parameters are assigned).
• Comparison of controllability
Each result of fuzzy control and PID control is shown
below.
It is understandable that the overshoot due to a change
of set value has been suppressed in fuzzy control.
(4) Auto-tuning
PID parameters are automatically set by controller's
measurement and operation.
(b)
Low PV type
Remarks: (1) Once auto-tuning has been made, PID parameter values
are retained despite power-off operation. Therefore, auto-
tuning need not be repeated for the subsequent operations.
(2) During auto-tuning, control output corresponds to ON/OFF
action. This may cause PV to change widely depending
on process. If such a change is unallowable, auto-tuning
should not be used.
(3) Do not use the auto-tuning function for a process having
a quick response, such as pressure control, flow control,
etc.
(a)
Standard type
(2) Ramp soak function (option)
Function to automatically change the set point value with
elapsing of time, in accordance with the preset pattern,
as shown below. This device allows maximum of 4 ramp
soak programs.
This first ramp starts at the value measured immediately
before the program is executed (PV).
Ramp : Region in which the SP changes toward the
target value.
Soak : Region in which the SP keeps unchanged at
the target value.
Powering on can automatically trigger the program run
(power-on start function), or an external contact signal
can also do that.
(5) Anti-reset Windup (ARW)(*)
Note : *ARW: INTEGRAL action is cut when PV is out range
of AR value.
(3)
Two set points (option)
Change set points digital input.
0.0
Time
20.0
40.0
60.0
80.0
100.0
%
FUZZY
PID
TM1R TM1S
TM2R
TM2S
TM3R
TM3S
TM4R
TM4S
Time
Set point 3
Set point 2
Set point 1
Set point 4
Set point
PV First ramp
First
soak
Second
ramp
Third
ramp
Third
soak
Fourth
ramp
Second
soak
Fourth soak
Target point
DI input
Main set point
(SV)
Sub-set point
(
)
AT start
AT operation
ON
ON
OFF
OFF
AT end (PID setup)
PID control
ON-OFF action
PV (Process value)
Set value (SV)
ON 100%
OFF 0%
AT start
AT operation
ON
ON
OFF
OFF
AT end (PID setup)
PID control
ON-OFF action
SV-10%
PV (Process value)
Set value (SV)
ON 100%
OFF 0%
Control output (MV)
100%
50%
MAN
10%
Process value
(PV)
Setting value
(SV)
AR
AR
Proportional
band
PID
action
PD
action
PD
action
I action
cut
I action
cut


Similar Part No. - EDSX11-133

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDSX11-132E FUJI-EDSX11-132E Datasheet
120Kb / 12P
   Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
EDSX11-134 FUJI-EDSX11-134 Datasheet
148Kb / 10P
   Z SERIES FUZZY CONTROLLER X (48)96, 96)96mm)
EDSX11-135B FUJI-EDSX11-135B Datasheet
112Kb / 12P
   FC SERIES MANUAL LOADER(CONTINUOUS OUTPUT TYPE)
EDSX11-136B FUJI-EDSX11-136B Datasheet
111Kb / 12P
   FC SERIES SETTER(CONTINUOUS OUTPUT TYPE)
EDSX11-137B FUJI-EDSX11-137B Datasheet
110Kb / 12P
   FC SERIES RATIO SETTER
More results

Similar Description - EDSX11-133

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-87A FUJI-EDS11-87A Datasheet
333Kb / 5P
   48mm TEMPERATURE CONTROLLER(Z-48)
EDSX11-134 FUJI-EDSX11-134 Datasheet
148Kb / 10P
   Z SERIES FUZZY CONTROLLER X (48)96, 96)96mm)
logo
FOTEK CONTROLS CO., LTD...
MT-4896-R-RS-MA FOTEK-MT-4896-R-RS-MA Datasheet
1Mb / 8P
   PIDFuzzy Temperature Controller
logo
Fuji Electric
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
EDS11-159C FUJI-EDS11-159C Datasheet
297Kb / 16P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 96 mm)
logo
Omron Electronics LLC
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C4 OMRON-E5C4 Datasheet
178Kb / 8P
   DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
logo
STMicroelectronics
AFM10 STMICROELECTRONICS-AFM10 Datasheet
89Kb / 4P
   ADAPTIVE FUZZY MODELLER
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
   48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
logo
Omron Electronics LLC
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
   DIN 48 x 48-mm Multifunctional Timer Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com