Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP-6 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TSOP-6
Description  Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP-6 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TSOP-6 Datasheet HTML 2Page - Vishay Siliconix TSOP-6 Datasheet HTML 3Page - Vishay Siliconix TSOP-6 Datasheet HTML 4Page - Vishay Siliconix TSOP-6 Datasheet HTML 5Page - Vishay Siliconix TSOP-6 Datasheet HTML 6Page - Vishay Siliconix TSOP-6 Datasheet HTML 7Page - Vishay Siliconix TSOP-6 Datasheet HTML 8Page - Vishay Siliconix TSOP-6 Datasheet HTML 9Page - Vishay Siliconix TSOP-6 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SQ3460EV
www.vishay.com
Vishay Siliconix
S11-2359-Rev. D, 05-Dec-11
6
Document Number: 67037
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Foot
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Foot (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?67037.
10- 3
10- 2
110
10-1
10- 4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


Similar Part No. - TSOP-6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP-6 VISHAY-TSOP-6 Datasheet
214Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
213Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
211Kb / 11P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
211Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
More results

Similar Description - TSOP-6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS420EN VISHAY-SQS420EN Datasheet
1Mb / 14P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQS420EN VISHAY-SQS420EN_V02 Datasheet
1Mb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N02-3M5L VISHAY-SQD100N02-3M5L_V01 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3442EV VISHAY-SQ3442EV Datasheet
211Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
SQS420EN VISHAY-SQS420EN_15 Datasheet
1Mb / 14P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQ2310ES VISHAY-SQ2310ES_15 Datasheet
223Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3460EV VISHAY-SQ3460EV_V02 Datasheet
274Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2310ES VISHAY-SQ2310ES_V02 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3460EV VISHAY-SQ3460EV_15 Datasheet
209Kb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. D, 05-Dec-11
SQM120N02-1M3L VISHAY-SQM120N02-1M3L_15 Datasheet
172Kb / 10P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Oct-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com