Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1104420000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1104420000
Description  Electronics housings, CH20M black, Hood, Width: 45 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1104420000 Datasheet(HTML) 1 Page - Weidmuller

  1104420000 Datasheet HTML 1Page - Weidmuller 1104420000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Creation date July 26, 2010 6:52:14 PM CEST
Last update 28.05.2010 / We reserve the right to make technical changes.
1
CH20M
CH20M45 F BK
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-2083
www.weidmueller.com
General ordering data
Order No.
1104420000
Part designation
CH20M45 F BK
Version
Electronics housings, CH20M black, Hood,
Width: 45 mm
GTIN (EAN)
4032248879472
Qty.
30 pc(s).
Superior efficiency, flexibility and design - the "standard
tailor-made fit"
When selecting a housing design, flexibility is a key factor.
Other important criteria are: scalability, customized design,
innovative functionality and cost efficiency. You need a choice
which offers the maximum performance with the minimum
overhead.
The CH20M45 modular electronics housings come in an
integrated extra-large assortment. It is suited for those
electronics applications that require more space, such as
compact controllers and power supplies.
The entire system is characterized by excellence: outstanding
scalability and flexibility, a high security level, innovative
application functionality and a variety of practical details.
Quicker installation with features such as "Wire ready" the
universal multi-tool screw head
User-friendly operations: with clear and permanent
labelling and extra marking possibilities, integrated release clip
or transparent cover
Maximum interference immunity with EMC-compliant
construction featuring deeply overlapping module joint edges
made from high-performance plastic
High operational reliability with the unique Auto-Set coding
system and featuring double-sided touch protection on the pin
header and socket blocks
CH20M - a compact name for the most flexible system
available on the market. It doesn't just stand for "Component
Housing IP20 Modular".
CH20M also stands for efficiency and innovation throughout
design, production and use.
Note: technical specifications are preliminary


Similar Part No. - 1104420000

ManufacturerPart #DatasheetDescription
logo
Heyco.
11044 HEYCO-11044 Datasheet
130Kb / 1P
   PVC and Nylon LED Spacers
logo
Weidmuller
1104410000 WEIDMULLER-1104410000 Datasheet
90Kb / 2P
   Electronics housings, CH20M black, Base with orange clip-in foot, Width: 45 mm
1104440000 WEIDMULLER-1104440000 Datasheet
88Kb / 2P
   Electronics housings, CH20M transparent, Tilt cover, Width: 45 mm
1104450000 WEIDMULLER-1104450000 Datasheet
85Kb / 2P
   Electronics housings, CH20M black, Base with orange clip-in foot, Width: 22.5 mm
More results

Similar Description - 1104420000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1104190000 WEIDMULLER-1104190000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 12.5 mm
2418640000 WEIDMULLER-2418640000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 22.5 mm
1111720000 WEIDMULLER-1111720000 Datasheet
90Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 45 mm
1104440000 WEIDMULLER-1104440000 Datasheet
88Kb / 2P
   Electronics housings, CH20M transparent, Tilt cover, Width: 45 mm
2418600000 WEIDMULLER-2418600000 Datasheet
119Kb / 3P
   Electronics housings, CH20M black, Housing, black, Width: 6.1 mm
1080630000 WEIDMULLER-1080630000 Datasheet
80Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
1139790000 WEIDMULLER-1139790000 Datasheet
73Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
1174280000 WEIDMULLER-1174280000 Datasheet
77Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 12.5 mm
2418650000 WEIDMULLER-2418650000 Datasheet
94Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
1104200000 WEIDMULLER-1104200000 Datasheet
81Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 12.5 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com