Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-F532 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-F532
Description  PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F532 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-F532 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F532 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F532 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F532 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
PNP Silicon Transistors
BF 421
With High Reverse Voltage
BF 423
5.91
Maximum Ratings
Type
Ordering Code
Marking
Package1)
Pin Configuration
BF 421
BF 423
Q62702-F532
Q62702-F496
TO-92
1
2
3
E
C
B
1)
For detailed information see chapter Package Outlines.
2)
Mounted on Al heat sink 15 mm
× 25 mm × 0.5 mm.
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
V
Collector current
IC
mA
Junction temperature
Tj
˚C
Total power dissipation, TC = 88 ˚C
Ptot
mW
Storage temperature range
Tstg
Collector-emitter voltage
RBE = 2.7 k
VCER
Thermal Resistance
Junction - ambient
Rth JA
150
K/W
50
830
150
– 65 … + 150
Collector-base voltage
VCB0
250
300
BF 421
BF 423
Peak base current
IBM
100
300
250
Emitter-base voltage
VEB0
5
Junction - case2)
Rth JC
75
q
High breakdown voltage
q
Low collector-emitter saturation voltage
q
Low capacitance
q
Complementary types: BF 420, BF 422 (NPN)
1
2
3


Similar Part No. - Q62702-F532

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F531 SIEMENS-Q62702-F531 Datasheet
123Kb / 4P
   NPN Silicon Transistors With High Reverse Voltage (NPN Silicon Transistors With High Reverse Voltage)
Q62702-F534 SIEMENS-Q62702-F534 Datasheet
13Kb / 2P
   PNP Silicon RF Transistor (For VHF mixer and oscillator stages)
More results

Similar Description - Q62702-F532

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP23 SIEMENS-BFP23 Datasheet
194Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BFP22 SIEMENS-BFP22 Datasheet
171Kb / 4P
   NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA42 INFINEON-SMBTA42_07 Datasheet
71Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-19
PZTA42 INFINEON-PZTA42_07 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-26
logo
Siemens Semiconductor G...
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BCX41 SIEMENS-BCX41 Datasheet
140Kb / 4P
   NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA56 INFINEON-SMBTA56_07 Datasheet
77Kb / 7P
   PNP Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
SMBT2907A INFINEON-SMBT2907A_07 Datasheet
87Kb / 9P
   PNP Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-26
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com