Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC330 Datasheet(PDF) 9 Page - Espros Photonics corp

Part # EPC330
Description  High sensitive photodiodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC330 Datasheet(HTML) 9 Page - Espros Photonics corp

Back Button EPC330 Datasheet HTML 2Page - Espros Photonics corp EPC330 Datasheet HTML 3Page - Espros Photonics corp EPC330 Datasheet HTML 4Page - Espros Photonics corp EPC330 Datasheet HTML 5Page - Espros Photonics corp EPC330 Datasheet HTML 6Page - Espros Photonics corp EPC330 Datasheet HTML 7Page - Espros Photonics corp EPC330 Datasheet HTML 8Page - Espros Photonics corp EPC330 Datasheet HTML 9Page - Espros Photonics corp EPC330 Datasheet HTML 10Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
epc3xx
Packaging Information
(all measures in mm)
CSP4 Tape
CSP8 Tape
Pin 1
4
Pin 1
4
CSP16 Tape
CSP32 Tape
Pin 1
4
Pin 1
4
Tape & Reel Information
The devices are mounted on embossed tape for automatic placement systems. The tape is wound on 178 mm (7 inch) or 330 mm (13 inch)
reels and individually packaged for shipment. General tape-and-reel specification data are available in a separate data sheet and indicate the
tape sizes for various package types. Further tape-and-reel specifications can be found in the Electronic Industries Association (EIA) standard
481-1, 481-2, 481-3.
epc does not guarantee non-empty cavities. Thus, pick-and-place machines should check the presence of a chip during picking.
It is highly recommended to use underfill after assembly of the chips to the PCB.
Ordering Information
Part Name
Package
RoHS compliance
Packaging Method
epc300-CSP4
CSP4
Yes
Reel
epc310-CSP8
CSP8
Yes
Reel
epc320-CSP16
CSP16
Yes
Reel
epc330-CSP32
CSP32
Yes
Reel
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
9
Datasheet epc3xx - V2.3
www.espros.ch


Similar Part No. - EPC330

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC330-LCC32 EPC-EPC330-LCC32 Datasheet
134Kb / 2P
   CSP-housing on LCC-housing carrierboard for part evaluation purpose of the epc3xx family products.
More results

Similar Description - EPC330

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC200 EPC-EPC200 Datasheet
370Kb / 6P
   High sensitive photodiodes
logo
Agilent(Hewlett-Packard...
PDT0313-FC-A HP-PDT0313-FC-A Datasheet
96Kb / 4P
   High Speed Receptacle Photodiodes
logo
PerkinElmer Optoelectro...
C30618 PERKINELMER-C30618 Datasheet
243Kb / 6P
   High-Speed InGaAs PIN Photodiodes
logo
Sharp Corporation
PD480PI SHARP-PD480PI Datasheet
45Kb / 3P
   High Speed, Narrow Acceptance Photodiodes
logo
Hongfa Technology
HFD2 HONGFA-HFD2_17 Datasheet
67Kb / 4P
   High sensitive: 150mW
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
   PIN PHOTODIODES
logo
Hamamatsu Corporation
S10355-01 HAMAMATSU-S10355-01_15 Datasheet
152Kb / 4P
   Si photodiodes
S5627-01 HAMAMATSU-S5627-01_15 Datasheet
172Kb / 5P
   Si photodiodes
S1226 HAMAMATSU-S1226_15 Datasheet
261Kb / 6P
   Si photodiodes
S1227 HAMAMATSU-S1227_15 Datasheet
238Kb / 5P
   Si photodiodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com