Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24650 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24650
Description  Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24650 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24650 Datasheet HTML 7Page - Texas Instruments BQ24650 Datasheet HTML 8Page - Texas Instruments BQ24650 Datasheet HTML 9Page - Texas Instruments BQ24650 Datasheet HTML 10Page - Texas Instruments BQ24650 Datasheet HTML 11Page - Texas Instruments BQ24650 Datasheet HTML 12Page - Texas Instruments BQ24650 Datasheet HTML 13Page - Texas Instruments BQ24650 Datasheet HTML 14Page - Texas Instruments BQ24650 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
VCC
BTST
HIDRV
PH
REGN
LODRV
GND
TS
VFB
SRP
6V LDO
V(SRP-SRN)
COMP
ERROR
AMPLIFIER
20 uA
1V
2.1 V
0.8V
SRN
STATE
MACHINE
LOGIC
BATTERY
DETECTION
LOGIC
VCC
PH
4V
+
_
BTST
REFRESH
CE
145 C
°
IC Tj
TSHUT
SRN+100 mV
VCC
SLEEP
LEVEL
SHIFTER
+
-
+
-
+
-
V(SRP-SRN)
CHG_OCP
+
-
200% X IBAT_REG
SYNCH
SRP-SRN
IBAT_ REG
0.8V
0.8V
10
5 mV
20X
VFB
BAT_OVP
+
-
104% X 2.1V
LTF
+
-
HTF
VREF
TCO
+
-
+
-
SUSPEND
VCC
ACOV
+
-
32V
CE
VREF
STAT 1
STAT1
3.3V
LDO
VCC
VFB
LOWV
+
-
RCHRG
+
-
1.5V
+
-
2.05V
VFB
LOWV
RCHRG
TERM
+
-
V(SRP - SRN)
TERM
TERMINATE CHARGE
+
-
bq24650
+
-
+
-
UVLO
VUVLO
VCC
SLEEP
UVLO
PWM
CONTROL
LOGIC
PWM
+
-
+
-
+
-
STAT 2
+
-
CHARGE
20uA
DISCHARGE
CHARGE
8 mA
BAT_OVP
VOLTAGE
REFERENCE
VREF
0.8V
10
STAT2
30 Minute
Precharge
Timer
FAULT
FAULT
2 mA
DISCHARGE
MPPSET
1.2 V
+
-
175 mV
+
-
TERM_EN
FBO
EAI
EAO
bq24650
www.ti.com
SLUSA75 – JULY 2010
BLOCK DIAGRAM
Figure 15. Functional Block Diagram
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24650


Similar Part No. - BQ24650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
bQ24650RVAR TI1-bQ24650RVAR Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
bQ24650RVAT TI1-bQ24650RVAT Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
More results

Similar Description - BQ24650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
SM72442 TI-SM72442_15 Datasheet
753Kb / 21P
[Old version datasheet]   Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Shenzhen Huazhimei Semi...
HM4072B HMSEMI-HM4072B Datasheet
1Mb / 11P
   4A multi-cell battery charge management IC with solar cell maximum power point tracking
HM4077 HMSEMI-HM4077 Datasheet
613Kb / 10P
   4A, 12V lead-acid battery charge management IC with solar cell maximum power point tracking
logo
Texas Instruments
SM72441 TI-SM72441_15 Datasheet
702Kb / 15P
[Old version datasheet]   SM72441 Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Linear Technology
LT8490 LINER-LT8490_15 Datasheet
600Kb / 42P
   High Voltage, High Current Buck-Boost Battery Charge Controller with Maximum Power Point Tracking
logo
Analog Devices
LT8491 AD-LT8491 Datasheet
1Mb / 82P
   High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
logo
Linear Technology
LT3652 LINER-LT3652_15 Datasheet
280Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LT3652 LINER-LT3652 Datasheet
260Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com