Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC700-CSP6 Datasheet(PDF) 9 Page - Espros Photonics corp

Part # EPC700-CSP6
Description  24V/50mA General-Purpose Output-Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC700-CSP6 Datasheet(HTML) 9 Page - Espros Photonics corp

Back Button EPC700-CSP6 Datasheet HTML 3Page - Espros Photonics corp EPC700-CSP6 Datasheet HTML 4Page - Espros Photonics corp EPC700-CSP6 Datasheet HTML 5Page - Espros Photonics corp EPC700-CSP6 Datasheet HTML 6Page - Espros Photonics corp EPC700-CSP6 Datasheet HTML 7Page - Espros Photonics corp EPC700-CSP6 Datasheet HTML 8Page - Espros Photonics corp EPC700-CSP6 Datasheet HTML 9Page - Espros Photonics corp EPC700-CSP6 Datasheet HTML 10Page - Espros Photonics corp EPC700-CSP6 Datasheet HTML 11Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
He
epc701/epc703
Layout Information (all measures in mm,
<Partname>
<x000 000>
<Name>
<Data>
M 1:1
DIN A4
<Name>
Part Name
Part No.
Designed
Approved
Scale
Page
File: Unbenannt
1
26.02.2009
)
CSP-6 Package
Mechanical Dimensions
Layout Recommendations
Mechanical dimension CSP6
LST
0.43
0.43
∅ 0.12
1.4 +0.0/-0.1
Solder balls Sn7.5Ag2.5
08.02.2012
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
Pin 1
0.43
0.43
∅ 0.3
1.86
no solder mask inside this area
≤ 0.1524
QFN-16 Package
Mechanical dimension QFN16 Package
LST
Top view
0.3
2.9 - 3.1
1.9
0.25
25.05.2011
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
0.5
Bottom View
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
9
Datasheet epc701_703 - V2.2
www.espros.ch


Similar Part No. - EPC700-CSP6

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC700-CSP6 EPC-EPC700-CSP6 Datasheet
264Kb / 11P
   24V/50mA General-Purpose Output-Driver
More results

Similar Description - EPC700-CSP6

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC700 EPC-EPC700 Datasheet
264Kb / 11P
   24V/50mA General-Purpose Output-Driver
logo
Rohm
BP5034D24 ROHM-BP5034D24 Datasheet
37Kb / 2P
   AC100V input, 24V/50mA output
BP5034D24 ROHM-BP5034D24 Datasheet
27Kb / 2P
   AC100V input, 24V/50mA output
logo
TECH PUBLIC Electronics...
TPS715 TECHPUBLIC-TPS715 Datasheet
2Mb / 7P
   24V,50mA, Ultralo-Quiescent-Current LDO
logo
NTE Electronics
NTE210 NTE-NTE210 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Output & Driver
logo
Mitsubishi Electric Sem...
M81711FP MITSUBISHI-M81711FP Datasheet
76Kb / 6P
   GENERAL PURPOSE DRIVER
M81716FP MITSUBISHI-M81716FP Datasheet
72Kb / 5P
   GENERAL PURPOSE DRIVER
M81716FP MITSUBISHI-M81716FP_09 Datasheet
72Kb / 5P
   GENERAL PURPOSE DRIVER
logo
Princeton Technology Co...
PT6533 PTC-PT6533_10 Datasheet
115Kb / 4P
   General Purpose LCD Driver
PT6533 PTC-PT6533 Datasheet
115Kb / 4P
   General Purpose LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com