Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53353 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53353
Description  High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS53353 Datasheet HTML 4Page - Texas Instruments TPS53353 Datasheet HTML 5Page - Texas Instruments TPS53353 Datasheet HTML 6Page - Texas Instruments TPS53353 Datasheet HTML 7Page - Texas Instruments TPS53353 Datasheet HTML 8Page - Texas Instruments TPS53353 Datasheet HTML 9Page - Texas Instruments TPS53353 Datasheet HTML 10Page - Texas Instruments TPS53353 Datasheet HTML 11Page - Texas Instruments TPS53353 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
0
100
200
300
400
500
600
700
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VEN = 5V
VVDD = 12 V
VVFB = 0.63 V
No Load
0
1
2
3
4
5
6
7
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VEN = 0 V
VVDD = 12 V
No Load
0
2
4
6
8
10
12
14
16
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 12 V
0
20
40
60
80
100
120
140
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
OVP
UVP
1
10
100
1000
0.01
0.1
1
10
20
Output Current (A)
FCCM
Skip Mode
VIN = 12 V
VOUT = 1.1 V
fSW = 300 kHz
G001
1
10
100
1000
0.01
0.1
1
10
20
Output Current (A)
FCCM
Skip Mode
VIN = 12 V
VOUT = 1.1 V
fSW = 500 kHz
G001
TPS53353
SLUSAK2
– AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS
Figure 3. VDD Supply Current vs. Junction Temperature
Figure 4. VDD Shutdown Current vs. Junction
Temperature
Figure 5. TRIP Pin Current vs. Junction Temperature
Figure 6. OVP/UVP Trip Threshold vs. Junction
Temperature
Figure 7. Switching Frequency vs. Output Current
Figure 8. Switching Frequency vs. Output Current
8
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS53353

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53353 TI1-TPS53353 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353DQPR TI1-TPS53353DQPR Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS53353DQPR TI1-TPS53353DQPR Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353DQPT TI1-TPS53353DQPT Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS53353DQPT TI1-TPS53353DQPT Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
More results

Similar Description - TPS53353

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI-TPS53355_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53355 High-Efficiency 30-A Synchronous Buck Converter With Eco-mode?
TPS53318 TI-TPS53318 Datasheet
1Mb / 34P
[Old version datasheet]   High-Efficiency 8-A or 14-A Synchronous Buck Converter with Eco-mode
TPS53318 TI-TPS53318_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS5331x High-Efficiency, 8-A or 14-A, Synchronous Buck Converter with Eco-mode Control
TPS53353EVM-744 TI1-TPS53353EVM-744 Datasheet
3Mb / 24P
[Old version datasheet]   Synchronous Buck Converter With Eco-mode??Control Scheme
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Texas Instruments
LM21215A TI1-LM21215A_16 Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com