Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27201ADDA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27201ADDA
Description  120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27201ADDA Datasheet(HTML) 1 Page - Texas Instruments

  UCC27201ADDA Datasheet HTML 1Page - Texas Instruments UCC27201ADDA Datasheet HTML 2Page - Texas Instruments UCC27201ADDA Datasheet HTML 3Page - Texas Instruments UCC27201ADDA Datasheet HTML 4Page - Texas Instruments UCC27201ADDA Datasheet HTML 5Page - Texas Instruments UCC27201ADDA Datasheet HTML 6Page - Texas Instruments UCC27201ADDA Datasheet HTML 7Page - Texas Instruments UCC27201ADDA Datasheet HTML 8Page - Texas Instruments UCC27201ADDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
PWM
CONTROLLER
+12V
ISOLATION
AND
FEEDBACK
+100V
SECONDARY
SIDE
CIRCUIT
HI
DRIVE
LO
DRIVE
HI
V
DD
UCC27200A/1A
V
SS
LI
HB
HO
HS
LO
UCC27200A, UCC27201A
www.ti.com
SLUSAF9A
– FEBRUARY 2011 – REVISED DECEMBER 2011
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
Check for Samples: UCC27200A, UCC27201A
1
FEATURES
CONTENTS
2
Specified from -40
°C to 140 °C
Drives Two N-Channel MOSFETs in
Device Ratings
2
High-Side/Low-Side Configuration
Electrical Characteristics
4
Maximum Boot Voltage 120 V
Device Information
11
Maximum VDD Voltage 20 V
Application Information
14
On-Chip 0.65-V VF, 0.6-
Ω RD Bootstrap Diode
Greater than 1 MHz of Operation
Additional References
22
20-ns Propagation Delay Times
3-A Sink, 3-A Source Output Currents
DESCRIPTION
The
UCC27200A/1A
family
of
high
frequency
8-ns Rise/7-ns Fall Time with 1000-pF Load
N-Channel
MOSFET
drivers
include
a
120-V
1-ns Delay Matching
bootstrap diode and high-side/low-side driver with
Under Voltage Lockout for High-Side and
independent inputs for maximum control flexibility.
Low-Side Driver
This allows for N-Channel MOSFET control in
half-bridge, full-bridge, two-switch forward and active
Offered in 8-Pin SOIC (D), PowerPad
™ SOIC-8
clamp forward converters. The low-side and the
(DDA), SON-8 (DRM), SON-9 (DRC) and SON-10
high-side gate drivers are independently controlled
(DPR) Packages
and matched to 1-ns between the turn-on and turn-off
of each other. The UCC27200A/1A are based on the
APPLICATIONS
popular
UCC27200/1
drivers,
but
offer
some
Power Supplies for Telecom, Datacom, and
enhancements. In order to improve performance in
noisy power supply environments the UCC27200A/1A
Merchant Markets
has an enhanced ESD input structure and also has
Half-Bridge Applications and Full-Bridge
the ability to withstand a maximum of -18 V on its HS
Converters
pin.
Isolated Bus Architecture
Two-Switch Forward Converters
Active-Clamp Forward Converters
High Voltage Synchronous-Buck Converters
Class-D Audio Amplifiers
Simplified Application Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPad is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC27201ADDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201ADDA TI1-UCC27201ADDA Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27201ADDA TI1-UCC27201ADDA Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27201ADDAR TI1-UCC27201ADDAR Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27201ADDAR TI1-UCC27201ADDAR Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results

Similar Description - UCC27201ADDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200_07 Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_15 Datasheet
1Mb / 37P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com