Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE24A Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Part # 1.5KE24A
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1.5KE24A Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  1.5KE24A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1.5KE24A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1.5KE24A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd 1.5KE24A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd 1.5KE24A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number 0236
Rev. 1.0, 22-Sep-11
1.5KE SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
产品型号(单
向)
Part
Number(Uni)
产品型号
(双向)
Part
Number(Bi)
最小
Min(V)
最大
Max (V)
测试电
IT(mA)
最大反向漏电
IR
Maximum
Reverse
Leakage IR @
VWM (μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
最大温度系数
Maximum
Temperature
Coefficient of VBR
(%/°C)
1.5KE200
1.5KE200C
180
220
1.0
1.0
162
5.2
287
0.108
1.5KE200A
1.5KE200CA
190
210
1.0
1.0
171
5.5
274
0.108
1.5KE220
1.5KE220C
198
242
1.0
1.0
175
4.4
344
0.108
1.5KE220A
1.5KE220CA
209
231
1.0
1.0
185
4.6
328
0.108
1.5KE250
1.5KE250C
225
275
1.0
1.0
202
4.2
360
0.110
1.5KE250A
1.5KE250CA
237
263
1.0
1.0
214
4.4
344
0.110
1.5KE300
1.5KE300C
270
330
1.0
1.0
243
3.5
430
0.110
1.5KE300A
1.5KE300CA
285
315
1.0
1.0
256
3.6
414
0.110
1.5KE350
1.5KE350C
315
385
1.0
1.0
284
3.0
504
0.110
1.5KE350A
1.5KE350CA
333
368
1.0
1.0
300
3.1
482
0.110
1.5KE400
1.5KE400C
360
440
1.0
1.0
324
2.6
574
0.110
1.5KE400A
1.5KE400CA
380
420
1.0
1.0
342
2.7
548
0.110
1.5KE440
1.5KE440C
396
484
1.0
1.0
356
2.4
631
0.110
1.5KE440A
1.5KE440CA
418
462
1.0
1.0
376
2.5
602
0.110
1.5KE480
1.5KE480C
432
528
1.0
1.0
389
2.19
686
0.110
1.5KE480A
1.5KE480CA
456
504
1.0
1.0
408
2.28
658
0.110
1.5KE510
1.5KE510C
459
561
1.0
1.0
413
2.06
729
0.110
1.5KE510A
1.5KE510CA
485
535
1.0
1.0
434
2.15
698
0.110
1.5KE540
1.5KE540C
486
594
1.0
1.0
437
1.94
772
0.110
1.5KE540A
1.5KE540CA
513
567
1.0
1.0
459
2.03
740
0.110


Similar Part No. - 1.5KE24A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE24A TRSYS-1.5KE24A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
1.5KE24A RUILON-1.5KE24A Datasheet
713Kb / 7P
   Transient Voltage Suppressors
logo
Galaxy Semi-Conductor H...
1.5KE24A BILIN-1.5KE24A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1.5KE24A TSC-1.5KE24A Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Shanghai Shunye Electro...
1.5KE24A SY-1.5KE24A Datasheet
660Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
More results

Similar Description - 1.5KE24A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com