Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC12 Datasheet(PDF) 1 Page - Schurter Inc.

Part # DC12
Description  US Power Supply Cord with IEC Connector C13, V-Lock, straight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DC12 Datasheet(HTML) 1 Page - Schurter Inc.

  DC12 Datasheet HTML 1Page - Schurter Inc. DC12 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Cord Sets
605.200
www.schurter.com/pg07_2
Connectors
US Power Supply Cord with IEC Connector C13, V-Lock, straight
C13
70° C
Description
-PowerCord,ProtectionclassI,Pintemperature70°C,
-withV-Lockinterlockingsystem
References
Weblinks
pdf,html,GeneralProductInformation,Approvals,RoHS,CHINA-RoHS,
MatingConnectors,e-Store,SCHURTER-Stock-Check,Distributor-
Stock-Check,Accessories
Technical Data
RatingsUL/CSA
10A/125VAC;50/60Hz
DielectricStrength
>2kVDCbetweenL-N
>2kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
moulded
Material:Housing
PVC,black
Connector
C13acc.toIEC/EN60320-2-2
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Variants
Connector
cable
inlets
Order Number
Type
V-Lock
Cord Type
Color
Length [m]
Type
Country Standard
Conductor cross
section
Style
Index
C13
l
SJT 3x18
AWG
black
2.0
North America USA
NEMA 5-15
3 x 18 AWG
Straight
-
6051.2001
Packaging unit
60Pcs
Mating Inlets/Plugs
Category / Description
Appliance InletOverview complete
IEC Appliance Inlet C14, Snap-in Mounting, Solder, Quick-connect, Screw or PCB Terminal
6010
IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
6061
IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect or Screw Terminal
6062
IEC Appliance Inlet C14, insert Mounting, Solder or Quick-connect, PCB or Screw Terminal
6170
IEC Appliance Inlet C14 or C18, Screw-on Mounting, Rear Side, PCB- or Solder Terminal
GSP1
Appliance Inletfurther types toVAC13KS
...


Similar Part No. - DC12

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12 SCHURTER-DC12 Datasheet
928Kb / 7P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12 Datasheet
379Kb / 2P
   EU Power Supply Cord with IEC Connector C13, V-Lock, straight
DC12 SCHURTER-DC12 Datasheet
380Kb / 2P
   IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
DC12 SCHURTER-DC12 Datasheet
383Kb / 2P
   IEC Interconnection Cord with IEC Connector C13, V-Lock, straight
DC12 SCHURTER-DC12 Datasheet
357Kb / 2P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
More results

Similar Description - DC12

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2061 SCHURTER-2061 Datasheet
357Kb / 2P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2081 SCHURTER-6051.2081 Datasheet
288Kb / 3P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2001 SCHURTER-6051.2001_18 Datasheet
331Kb / 4P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2151 SCHURTER-6051.2151 Datasheet
288Kb / 3P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2061 SCHURTER-6051.2061 Datasheet
225Kb / 3P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2151 SCHURTER-6051.2151_V01 Datasheet
293Kb / 3P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
16.09.2021
6051.2001 SCHURTER-6051.2001 Datasheet
438Kb / 2P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2095 SCHURTER-6051.2095 Datasheet
289Kb / 3P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2061 SCHURTER-6051.2061_V01 Datasheet
230Kb / 3P
   US Power Supply Cord with IEC Connector C13, V-Lock, straight
6009.1315 SCHURTER-6009.1315 Datasheet
288Kb / 3P
   US Power Supply Cord with IEC Connector C13, straight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com