Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5255B Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # 1N5255B
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N5255B Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  1N5255B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N5255B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1N5255B Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd 1N5255B Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd 1N5255B Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number 0243
Rev. 1.0, 22-Sep-11
1N52 SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
1N5221B...1N5267B
额定齐纳电压
Nominal Zener
voltage
1)
测试电流
Test current
最大动态阻抗
Maximum dynamic
impedance resistance
1)
最大动态阻抗
Maximum dynamic
impedance resistance
温度系数
Temperature of
Coefficient
反向漏电流
Reverse leakage current
at IZT , VZ
IZT
ZZT at IZT
ZZK at IZK=0.25mA
at IZT
IR
VR
产品型号
Part Number
V
mA
Ω
Ω
α
(%/K)
μA
V
1N5221B
2.4
20
30
1200
- 0.085
100
1
1N5222B
2.5
20
30
1250
- 0.085
100
1
1N5223B
2.7
20
30
1300
- 0.080
75
1
1N5224B
2.8
20
30
1400
- 0.080
75
1
1N5225B
3
20
29
1600
- 0.075
50
1
1N5226B
3.3
20
28
1600
- 0.070
25
1
1N5227B
3.6
20
24
1700
- 0.065
15
1
1N5228B
3.9
20
23
1900
- 0.060
10
1
1N5229B
4.3
20
22
2000
+ 0.055
5
1
1N5230B
4.7
20
19
1900
+ 0.030
5
2
1N5231B
5.1
20
17
1600
+ 0.030
5
2
1N5232B
5.6
20
11
1600
+ 0.038
5
3
1N5233B
6
20
7
1600
+ 0.038
5
3.5
1N5234B
6.2
20
7
1000
+ 0.045
5
4
1N5235B
6.8
20
5
750
+ 0.050
3
5
1N5236B
7.5
20
6
500
+ 0.058
3
6
1N5237B
8.2
20
8
500
+ 0.062
3
6.5
1N5238B
8.7
20
8
600
+ 0.065
3
6.5
1N5239B
9.1
20
10
600
+ 0.068
3
7
1N5240B
10
20
17
600
+ 0.075
3
8
1N5241B
11
20
22
600
+ 0.076
2
8.4
1N5242B
12
20
30
600
+ 0.077
1
9.1
1N5243B
13
9.5
13
600
+ 0.079
0.5
9.9
1N5244B
14
9
15
600
+ 0.082
0.1
10
1N5245B
15
8.5
16
600
+ 0.082
0.1
11
1N5246B
16
7.8
17
600
+ 0.083
0.1
12
1N5247B
17
7.4
19
600
+ 0.084
0.1
13
1N5248B
18
7
21
600
+ 0.085
0.1
14
1N5249B
19
6.6
23
600
+ 0.086
0.1
14
1N5250B
20
6.2
25
600
+ 0.086
0.1
15
1N5251B
22
5.6
29
600
+ 0.087
0.1
17
1N5252B
24
5.2
33
600
+ 0.088
0.1
18
1N5253B
25
5
35
600
+ 0.089
0.1
19
1N5254B
27
4.6
41
600
+ 0.090
0.1
21
1N5255B
28
4.5
44
600
+ 0.091
0.1
21
1N5256B
30
4.2
49
600
+ 0.091
0.1
23
1N5257B
33
3.8
58
700
+ 0.092
0.1
25
1N5258B
36
3.4
70
700
+ 0.093
0.1
27
1N5259B
39
3.2
80
800
+ 0.094
0.1
30
1N5260B
43
3
93
900
+ 0.095
0.1
33


Similar Part No. - 1N5255B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5255B VISHAY-1N5255B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5255B ZSELEC-1N5255B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
EIC discrete Semiconduc...
1N5255B EIC-1N5255B Datasheet
38Kb / 2P
   ZENER DIODES
logo
Weitron Technology
1N5255B WEITRON-1N5255B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
1N5255B YEASHIN-1N5255B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N5255B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com