Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF66 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # SF66
Description  Super Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SF66 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SF66 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SF66 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
Document Number 0155
Rev. 1.0, 22-Sep-11
www.21yangjie.com
SF61 THRU SF68
超快恢复二极管 Super Fast Rectifier
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
●Io
6.0A
●VRRM
50V-600V
●耐正向浪涌电流能力高
●High surge current capability
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
SF
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
61
62
63
64
65
66
67
68
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100
150
200
300
400
500
600
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz,电阻负载,Ta=50℃
60Hz Half-sine wave, Resistance
load, Ta=50℃
6.0
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave,1 cycle,
Ta=25℃
150
结温
Junction Temperature
TJ
-55~+125
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
SF
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
61
62
63
64
65
66
67
68
正向峰值电压
Peak Forward Voltage
V
FM
V
I
FM=6.0A
0.975
1.3
1.7
I
RRM1
Ta=25℃
5
反向峰值电流
Peak Reverse Current
I
RRM2
μA
VRM=VRRM
Ta=125℃
50
反向恢复时间
Reverse Recovery time
trr
ns
IF=0.5A IR=1A
IRR=0.25A
35
RθJ-A
结和环境之间
Between junction and ambient
20
热阻
(典型)
Thermal
Resistance(Typical)
RθJ-L
/W
结和引线之间
Between junction and lead
4
R-6
Dimensions in inches and (millimeters)
1.0(25.4)
MIN
.360(9.1)
.340(8.6)
DIA
.052(1.3)
.048(1.2)
DIA
.360(9.1)
.340(8.6)
1.0(25.4)
MIN


Similar Part No. - SF66

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF66 RECTRON-SF66 Datasheet
339Kb / 6P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 6.0 Amperes
2020-04 REV:A
logo
Won-Top Electronics
SF66 WTE-SF66 Datasheet
50Kb / 3P
   6.0A SUPER-FAST RECTIFIER
logo
SynSemi, Inc.
SF66 SYNSEMI-SF66 Datasheet
36Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Nanjing International G...
SF66 DGNJDZ-SF66 Datasheet
202Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
Jinan Gude Electronic D...
SF66 JGD-SF66 Datasheet
165Kb / 2P
   6.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF66

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com