Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16M890 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16M890
Description  UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M890 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16M890_11 Datasheet HTML 2Page - Exar Corporation XR16M890_11 Datasheet HTML 3Page - Exar Corporation XR16M890_11 Datasheet HTML 4Page - Exar Corporation XR16M890_11 Datasheet HTML 5Page - Exar Corporation XR16M890_11 Datasheet HTML 6Page - Exar Corporation XR16M890_11 Datasheet HTML 7Page - Exar Corporation XR16M890_11 Datasheet HTML 8Page - Exar Corporation XR16M890_11 Datasheet HTML 9Page - Exar Corporation XR16M890_11 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
XR16M890
6
UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
REV. 1.0.0
INT
(IRQ#)
10
12
15
O
(OD)
When 16/68# pin is at logic 1 for Intel bus interface, this output
become the active high device interrupt output. The output state is
defined by the user through the software setting of MCR[3]. INT is
set to the active mode when MCR[3] is set to a logic 1. INT is set to
the three state mode when MCR[3] is set to a logic 0. See MCR[3].
When 16/68# pin is at logic 0 for Motorola bus interface, this output
becomes the active low device interrupt output (open drain). An
external pull-up resistor is required for proper operation.
RESET
(RESET#)
9
10
13
I
When 16/68# pin is at logic 1 for Intel bus interface, this input
becomes RESET (active high). When 16/68# pin is at logic 0 for
Motorola bus interface, this input becomes RESET# (active low).
A 40 ns minimum active pulse on this pin will reset the internal reg-
isters and all outputs of the UART. The UART transmitter output will
be held at logic 1, the receiver input will be ignored and outputs are
reset during reset period (see UART Reset Conditions).
DATA BUS INTERFACE - VLIO
VLIO_EN
28
37
45
I
VLIO Bus Enable. When VLIO_EN pin is at logic 0, the bus interface
is selected by the 16/68# pin. When VLIO_EN pin is at logic 1, the
VLIO bus interface is enabled and the 16/68# pin has no effect.
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
8
7
6
5
4
3
2
1
9
8
7
6
5
4
3
2
9
8
7
6
5
4
3
2
I/O
Multiplexed Address/Data lines [7:0]. The register address is
latched on the rising edge of the LLA#. After the LLA# signal goes
high, the UART enters the data phase where the data is placed on
these lines.
IOR#
13
16
10
I
Read strobe (active low). The falling edge instigates an internal
read cycle and retrieves the data byte from an internal register
pointed by the latched address. The UART places the data byte on
the data bus to allow the host processor to read it on the rising
edge.
IOW#
14
17
11
I
Write strobe (active low). The falling edge instigates the internal
write cycle and the rising edge transfers the data byte on the data
bus to an internal register pointed by the latched address.
CS#
15
18
12
I
Chip select (active low). The falling edge starts the access to the
UART. A read or write is determined by the IOR# and IOW# sig-
nals.
LLA#
31
40
48
I
Latch Lower Address (active low). The register address is latched
on the rising edge of the LLA# signal. After the LLA# goes high, the
device enters the data phase where the data is placed on the
AD[7:0] lines.
In the Intel/Motorola mode, this pin becomes A0.
Pin Description
NAME
QFN-32
PIN#
QFN-40
PIN#
TQFP-48
PIN#
TYPE
DESCRIPTION


Similar Part No. - XR16M890_11

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-F EXAR-XR16M890IL32-F Datasheet
755Kb / 2P
   Single-Channel UARTs with Selectable Bus Interfaces
XR16M890IL32-F EXAR-XR16M890IL32-F Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32TR-F EXAR-XR16M890IL32TR-F Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL40-F EXAR-XR16M890IL40-F Datasheet
755Kb / 2P
   Single-Channel UARTs with Selectable Bus Interfaces
More results

Similar Description - XR16M890_11

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR20M1280L32-0B EXAR-XR20M1280L32-0B Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR20M1280 EXAR-XR20M1280 Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com