Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2997 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRP2997
Description  8-Channel Constant Current Linear LED Driver With Smart TalkTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2997 Datasheet(HTML) 4 Page - Exar Corporation

  XRP2997 Datasheet HTML 1Page - Exar Corporation XRP2997 Datasheet HTML 2Page - Exar Corporation XRP2997 Datasheet HTML 3Page - Exar Corporation XRP2997 Datasheet HTML 4Page - Exar Corporation XRP2997 Datasheet HTML 5Page - Exar Corporation XRP2997 Datasheet HTML 6Page - Exar Corporation XRP2997 Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
X
XR
RP
P7
76
61
18
8
8
8--C
Ch
ha
an
nn
ne
ell C
Co
on
ns
stta
an
ntt C
Cu
urrrre
en
ntt L
Liin
ne
ea
arr L
LE
ED
D D
Drriiv
ve
err W
Wiitth
h
S
Sm
ma
arrtt T
Ta
allk
kTTM
M
© 2011 Exar Corporation
4/7
Rev. 2.2.0
TYPICAL PERFORMANCE CHARACTERISTICS
All data taken at VCC = 5V, RISET = 8kΩ, TA = 25°C, unless otherwise specified - Schematic and BOM from Application
Information section of this datasheet.
Fig. 4: Current per Channel vs Temperature
Fig. 5: PWM Dimming: Current per Channel vs Duty Cycle
Fig. 6: Current per Channel vs Input Voltage
Fig. 7: Current per Channel vs Voltage per Channel
Fig. 8: Maximum Output Current vs Voltage per Channel
Fig. 9: Current per Channel vs RSET resistor
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
Duty cycle (%)
1kHz
100Hz
25kHz
56
57
58
59
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
Input Voltage (V)
56
57
58
59
0.5
1.0
1.5
2.0
2.5
3.0
Voltage per channel (V)
10
20
30
40
50
60
70
80
90
100
010
20
30
40
Rset (kΩ)


Similar Part No. - XRP2997

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
XRP2997 EXAR-XRP2997 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
XRP2997IDB-F EXAR-XRP2997IDB-F Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
XRP2997IDBTR-F EXAR-XRP2997IDBTR-F Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
XRP2997 EXAR-XRP2997_12 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
More results

Similar Description - XRP2997

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7618 EXAR-XRP7618 Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
Marktech Corporate
TB62783FNG MARKTECH-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008_15 Datasheet
89Kb / 11P
   8-Channel Constant Current LED Driver
July, 2015 ??Rev. 3
logo
Toshiba Semiconductor
TB62777FNG TOSHIBA-TB62777FNG_10 Datasheet
355Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
   Linear Constant - Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com