Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP2997 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRP2997
Description  8-Channel Constant Current Linear LED Driver With Smart TalkTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2997 Datasheet(HTML) 6 Page - Exar Corporation

  XRP2997 Datasheet HTML 1Page - Exar Corporation XRP2997 Datasheet HTML 2Page - Exar Corporation XRP2997 Datasheet HTML 3Page - Exar Corporation XRP2997 Datasheet HTML 4Page - Exar Corporation XRP2997 Datasheet HTML 5Page - Exar Corporation XRP2997 Datasheet HTML 6Page - Exar Corporation XRP2997 Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
X
XR
RP
P7
76
61
18
8
8
8--C
Ch
ha
an
nn
ne
ell C
Co
on
ns
stta
an
ntt C
Cu
urrrre
en
ntt L
Liin
ne
ea
arr L
LE
ED
D D
Drriiv
ve
err W
Wiitth
h
S
Sm
ma
arrtt T
Ta
allk
kTTM
M
© 2011 Exar Corporation
6/7
Rev. 2.2.0
EVALUATION BOARD LAYOUT
Fig. 10: Components Placement & Dimensions
Fig. 11: Top Side Layout
Fig. 12: Bottom Side Layout
BILL OF MATERIAL
Ref.
Qty
Manufacturer
Part Number
Size
Component
EVAL BD
1
Exar Corp.
146-6686-02
XRP7618 Evaluation Board
U1, U2
2
Exar Corp.
XRP7618IGB-F
TSSOP20 (EP)
XRP7618
C1, C2
2
Murata Corp.
GRM21BR71H104KA01L
0805
Ceramic 0.1uF, 50V, X7R
R1, R6
2
Panasonic Corp.
ERJ-3EKF4701V
0603
4.7KΩ Resistor, 0.1W, 1%
R2, R7
2
Panasonic Corp.
ERJ-3EKF8201V
0603
8.2KΩ Resistor, 0.1W, 1%
R3, R8
2
Panasonic Corp.
ERJ-3EKF2402V
0603
24KΩ Resistor, 0.1W, 1%
R13, R14
2
Panasonic Corp.
ERJ-3GEY0R00V
0603
0Ω Resistor
R4, R5, R9,
R10, R11, R12
6
0603
Not populated
SV1, SV2, SV3
3
Wurth Elektronik
61300811121
CONN.HEAD 0.1”
1x8 Pin Header
SV4, SV5
2
Wurth Elektronik
61300621121
CONN.HEAD 0.1”
2x3 Pin Header
SV6
1
Wurth Elektronik
61300111121
CONN.HEAD 0.1”
1x1 Pin Header


Similar Part No. - XRP2997

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
XRP2997 EXAR-XRP2997 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
XRP2997IDB-F EXAR-XRP2997IDB-F Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
XRP2997IDBTR-F EXAR-XRP2997IDBTR-F Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
XRP2997 EXAR-XRP2997_12 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
More results

Similar Description - XRP2997

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7618 EXAR-XRP7618 Datasheet
557Kb / 10P
   8-Channel Constant Current Linear LED Driver With Smart TalkTM
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
Marktech Corporate
TB62783FNG MARKTECH-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008_15 Datasheet
89Kb / 11P
   8-Channel Constant Current LED Driver
July, 2015 ??Rev. 3
logo
Toshiba Semiconductor
TB62777FNG TOSHIBA-TB62777FNG_10 Datasheet
355Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
   Linear Constant - Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com