Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS-422 Datasheet(PDF) 4 Page - Exar Corporation

Part # RS-422
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

RS-422 Datasheet(HTML) 4 Page - Exar Corporation

  RS-422 Datasheet HTML 1Page - Exar Corporation RS-422 Datasheet HTML 2Page - Exar Corporation RS-422 Datasheet HTML 3Page - Exar Corporation RS-422 Datasheet HTML 4Page - Exar Corporation RS-422 Datasheet HTML 5Page - Exar Corporation RS-422 Datasheet HTML 6Page - Exar Corporation RS-422 Datasheet HTML 7Page - Exar Corporation RS-422 Datasheet HTML 8Page - Exar Corporation RS-422 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SP339E
4
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
REV. 1.0.0
PIN DESCRIPTIONS BY MODE (MODE1, MODE0)
Pin
Name
00, Figure 1
01, Figure 2
10, Figure 3
11, Figure 4
21
R9
R5 Input
22
R8
R4 Input
23
GND
Ground
24
R7
T3 Output
25
R6
R3 Input
26
GND
Ground
27
R4
T2 Output
R1 Input B
28
R3
T1 Output
R2 Input A
29
GND
Ground
30
R2
R2 Input
R1 Input A, T1 Out A
T1 Out A
31
R1
R1 Input
R1 Input B, T1 Out B
T1 Out B
32
VCC
VCC
33
VSS
VSS - Charge pump negative supply, 0.1µF from ground
34
C2-
C2+ - Charge pump cap 2 negative lead
35
C1-
C1- - Charge pump cap 1 negative lead
36
GND
Ground
37
C1+
C1+ - Charge pump cap 1 positive lead, 0.1µF
38
VCC
VCC
39
C2+
C2+ - Charge pump cap 2 positive lead, 0.1µF
40
VDD
VDD - Charge pump positive supply, 0.1µF to ground


Similar Part No. - RS-422

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
RS-422 GRAYHILL-RS-422 Datasheet
870Kb / 1P
   COMMUNICATION CONVERTERS
logo
Advantech Co., Ltd.
RS-422 ADVANTECH-RS-422 Datasheet
346Kb / 1P
   RS-232 to RS-422 Converter
logo
List of Unclassifed Man...
RS-422 ETC2-RS-422 Datasheet
169Kb / 2P
   Battery Powered Converter CE
logo
Exar Corporation
RS-422 EXAR-RS-422 Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
RS-422 EXAR-RS-422 Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
More results

Similar Description - RS-422

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com