Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM55C13 Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Part # ZMM55C13
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ZMM55C13 Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  ZMM55C13 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ZMM55C13 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd ZMM55C13 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd ZMM55C13 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd ZMM55C13 Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
扬州扬杰电子科技体股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
Document Number 0245
Rev. 1.0, 22-Sep-11
www.21yangjie.com
ZMM55 SERIES
■特性曲线(典型) Characteristics(Typical)
0
200
0
Tamb(℃)
1:总功率损耗与环境温度关系
FIG1: Total Power Dissipation vs. Ambient Temperature
600
300
40
80
120
160
100
200
400
500
025
1
Vz(V)
2:工作电压在工作条件Tamb=25度下的典型变化
FIG2:Typical Change of Working Voltage under
Operating Conditions at Tamb=25℃
1000
10
100
51015
20
Tj=25℃
Iz=5mA
-60
180
0.8
Tj(
)
3:工作电压的典 型变化与结温的关系
FIG 3: Typical C hange of W orking Voltage vs.
Junction Tem perature
1.3
60
0
120
1.2
1.1
1.0
0.9
240
-4×10-4/K
V ztn=Vzt/V z(25
)
-4×10-4/K
0
2×10-4/K
4×10-4/K
6×10-4/K
8×10-4/K
-4×10-4/K
TK vz=10×10-4/K
0
40
-5
Vz(V )
4:温度系数与齐纳电压的关系
FIG 4: Tem perature C oefficient of Vz vs. Z-voltage
15
20
10
30
10
5
0
50
0
0.8
0.001
VF(V )
5:正向电流与正向电压的关系
FIG 5: Forw ard C urrent vs. Forw ard Voltage
100
0.4
0.2
0.6
10
1.0
0.1
0.01
1.0
Tj=25℃
0
16
0
Vz(V)
6:齐纳电流与齐纳电压的关系
FIG6: Z-Current vs. Z-Voltage
100
8
4
12
80
60
40
20
20
Ptot=500mW
Tamb=25℃


Similar Part No. - ZMM55C13

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZMM55C13 CYSTEKEC-ZMM55C13 Datasheet
132Kb / 3P
   Surface Mount Zener Voltage Regulators
logo
Weitron Technology
ZMM55C13 WEITRON-ZMM55C13 Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
ZMM55C13 SECOS-ZMM55C13 Datasheet
376Kb / 2P
   Surface Mount Zener Dio de
logo
Shanghai Shunye Electro...
ZMM55C13 SY-ZMM55C13 Datasheet
316Kb / 3P
   ZENER DIODES
logo
Diotech Company.
ZMM55C13 DIOTECH-ZMM55C13 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM55C13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com