Electronic Components Datasheet Search |
|
ZMM55C13 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd |
|
ZMM55C13 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd |
1 / 5 page 扬州扬杰电子科技体股份有限公司 Yangzhou Yangjie Electronic Technology Co., Ltd. Document Number 0245 Rev. 1.0, 22-Sep-11 www.21yangjie.com ZMM55 SERIES 稳压(齐纳)二极管 Zener Diodes ■特征 Features ■外形尺寸和印记 Outline Dimensions and Mark ●Ptot 500mW ●Vz 2.4V-75V ■用途 Applications ●稳定电压用 Stabilizing Voltage ■极限值(绝对最大额定值) Limiting Values (Absolute Maximum Rating) 参数名称 Item 符号 Symbol 单位 Unit 条件 Conditions 最大值 Max 损耗功率 Power dissipation Ptot mW L=4mm,TL=25℃ 500 齐纳电流 Zener current IZ mA Ptot /VZ 见表格 See Table 最大结温 Maximum junction temperature Tj ℃ 175 存储温度范围 Storage temperature range Tstg ℃ -65 to +175 ■电特性 (Ta=25℃ 除非另有规定) Electrical Characteristics(Ta=25 Unl ℃ ess otherwise specified) 参数名称 Item 符号 Symbol 单位 Unit 条件 Conditions 最大值 Max 典型热阻 (1) Thermal resistance RθJA ℃/W 结到环境, L=4毫米,TL=常温 junction to ambient air, L=4mm,TL=constant 300 正向电压 Forward voltage VF V IF=200mA 1.5 .146(3.70) Dimensions in inches and (millimeters) MinMELF SOD-80 (LL-35) .130(3.30) .019(0.47)max. .063(1.60) .055(1.40) .197(5.00) .098(2.50) 0.097(2.00) .0049(1.25) Mounting Pad Layout |
Similar Part No. - ZMM55C13 |
|
Similar Description - ZMM55C13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |