Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APXW005A0X3-SRZ Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # APXW005A0X3-SRZ
Description  9-36V ProLynxTM 5A: Non-Isolated DC-DC Power Modules 9Vdc ??6Vdc input; 3Vdc to 18Vdc output; 5A to 2.5A Output Current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APXW005A0X3-SRZ Datasheet(HTML) 5 Page - Lineage Power Corporation

  APXW005A0X3-SRZ Datasheet HTML 1Page - Lineage Power Corporation APXW005A0X3-SRZ Datasheet HTML 2Page - Lineage Power Corporation APXW005A0X3-SRZ Datasheet HTML 3Page - Lineage Power Corporation APXW005A0X3-SRZ Datasheet HTML 4Page - Lineage Power Corporation APXW005A0X3-SRZ Datasheet HTML 5Page - Lineage Power Corporation APXW005A0X3-SRZ Datasheet HTML 6Page - Lineage Power Corporation APXW005A0X3-SRZ Datasheet HTML 7Page - Lineage Power Corporation APXW005A0X3-SRZ Datasheet HTML 8Page - Lineage Power Corporation APXW005A0X3-SRZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Preliminary Data Sheet
October 28, 2010
9-36V ProLynxTM 5A: Non-isolated DC-DC Power Modules
9 – 36Vdc input; 3Vdc to 18Vdc output; 5A to 2.5A output current
LINEAGE POWER
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to GND)
Device is with suffix “4” – Positive Logic (See Ordering
Information)
Logic High (Module ON)
Input High Current
All
IIH
160
µA
Input High Voltage
All
VIH
4.2
12
V
Logic Low (Module OFF)
Input Low Current
All
IIL
0.5
mA
Input Low Voltage
All
VIL
-0.3
3.3
V
Device Code with no suffix – Negative Logic (See Ordering
Information)
Logic High (Module OFF)
Input High Current
All
IIH
1.6
mA
Input High Voltage
All
VIH
1.5
36
Vdc
Logic Low (Module ON)
Input low Current
All
IIL
18
μA
Input Low Voltage
All
VIL
-0.2
1
Vdc
Turn-On Delay and Rise Times
(VIN=VIN, nom, IO=IO, max , VO to within ±1% of steady state)
Case 1: On/Off input is enabled and then input power is
applied (delay from instant at which VIN = VIN, min until Vo =
10% of Vo, set)
All
Tdelay
9
msec
Case 2: Input power is applied for at least one second and
then the On/Off input is enabled (delay from instant at
which Von/Off is enabled until Vo = 10% of Vo, set)
All
Tdelay
7
msec
Output voltage Rise time (time for Vo to rise from
10% of Vo, set to 90% of Vo, set)
All
Trise
8
msec
Output voltage overshoot (TA = 25
oC
3
% VO, set
VIN= VIN, min to VIN, max,IO = IO, min to IO, max)
With or without maximum external capacitance
Over Temperature Protection
All
Tref
130
°C
(See Thermal Considerations section)
Input Undervoltage Lockout
Turn-on Threshold
All
7.5
Vdc
Turn-off Threshold
All
7.04
Vdc
Hysteresis
All
0.46
Vdc


Similar Part No. - APXW005A0X3-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APXW005A0X3-SRZ LINEAGEPOWER-APXW005A0X3-SRZ Datasheet
4Mb / 21P
   9-36V ProLynxTM 5A: Non-Isolated DC-DC Power Modules
More results

Similar Description - APXW005A0X3-SRZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APXW003A0X3-SRZ LINEAGEPOWER-APXW003A0X3-SRZ Datasheet
605Kb / 21P
   9Vdc ??6Vdc input; 3Vdc to 18Vdc output; 3A to 1.5A Output Current
APXW005A0X3-SRZ LINEAGEPOWER-APXW005A0X3-SRZ Datasheet
4Mb / 21P
   9-36V ProLynxTM 5A: Non-Isolated DC-DC Power Modules
APXW005A0X LINEAGEPOWER-APXW005A0X_11 Datasheet
4Mb / 21P
   9-36V ProLynxTM 5A: Non-Isolated DC-DC Power Modules
NQR010A0X LINEAGEPOWER-NQR010A0X Datasheet
497Kb / 20P
   Non-Isolated DC-DC Power Modules 4.5Vdc ??4Vdc input; 0.59Vdc to 6Vdc Output;10A Output Current
logo
General Semiconductor
APXS002A0X-SRZ GE-APXS002A0X-SRZ Datasheet
851Kb / 24P
   2A PicoTLynxTM: Non-Isolated DC-DC Power Modules 3Vdc ??4Vdc input; 0.6Vdc to 5.5Vdc output; 2A Output Current
logo
Lineage Power Corporati...
PDT006A0X3-SRZ LINEAGEPOWER-PDT006A0X3-SRZ Datasheet
1Mb / 39P
   6A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules 3Vdc 혯??4.4Vdc input; 0.45Vdc to 5.5Vdc output; 6A Output Current
logo
Bel Fuse Inc.
S7AH-05B BEL-S7AH-05B Datasheet
182Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
X7AH-05BT50 BEL-X7AH-05BT50 Datasheet
192Kb / 5P
   NON-ISOLATED DC/DC CONVERTER 5V Input Vref/2 / 5A Output
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05C BEL-S7AH-05C Datasheet
202Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2- 2.5V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com