Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESTW015A0F Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # ESTW015A0F
Description  ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ESTW015A0F Datasheet(HTML) 3 Page - Lineage Power Corporation

  ESTW015A0F_11 Datasheet HTML 1Page - Lineage Power Corporation ESTW015A0F_11 Datasheet HTML 2Page - Lineage Power Corporation ESTW015A0F_11 Datasheet HTML 3Page - Lineage Power Corporation ESTW015A0F_11 Datasheet HTML 4Page - Lineage Power Corporation ESTW015A0F_11 Datasheet HTML 5Page - Lineage Power Corporation ESTW015A0F_11 Datasheet HTML 6Page - Lineage Power Corporation ESTW015A0F_11 Datasheet HTML 7Page - Lineage Power Corporation ESTW015A0F_11 Datasheet HTML 8Page - Lineage Power Corporation ESTW015A0F_11 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
May 6, 2011
ESTW015A0F Series Eighth-Brick Power Modules
36
–75Vdc Input; 3.3Vdc Output; 15A Output
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Nominal Output Voltage Set-point
VIN=VIN, nom, IO=IO, max, TA=25°C)
All
VO, set
3.25
3.3
3.35
Vdc
Output Voltage
All
VO
3.2
3.4
Vdc
(Over all operating input voltage, resistive load, and
temperature conditions until end of life)
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
±0.1
% VO, set
Load (IO=IO, min to IO, max)
All
10
mV
Temperature (Tref=TA, min to TA, max)
All
±0.2
% VO, set
Output Ripple and Noise on nominal output
(VIN=VIN, nom ,IO= IO, max , TA=TA, min to TA, max)
RMS (5Hz to 20MHz bandwidth)
All
8
20
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
40
75
mVpk-pk
External Capacitance
All
CO, max
0
5,000
μF
Output Current
All
Io
0
15.0
Adc
Output Current Limit Inception (Hiccup Mode )
All
IO, lim
19
Adc
(VO= 90% of VO, set)
Output Short-Circuit Current (VO≤250mV)
All
IO, s/c
60
2.5
Apk
AAVG
( Hiccup Mode)
Efficiency
VIN= VIN, nom, TA=25°C, IO=IO, max , VO= VO,set
All
η
90.0
91.0
%
VIN= VIN, nom, TA=25°C, IO=10A , VO= VO,set
All
η
90.0
91.0
%
VIN= VIN, nom, TA=25°C, IO=4A , VO= VO,set
All
η
85.5
87.0
%
Switching Frequency
All
fsw
355
kHz
Dynamic Load Response
(dIo/dt=0.1A/ s; VIN = VIN, nom; TA=25°C)
Load Change from Io= 50% to 75% or 25% to 50% of
Io,max
Peak Deviation
All
Vpk
210
mV
Settling Time (Vo<10% peak deviation)
All
ts
200
s
Isolation Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
All
Ciso
1000
pF
Isolation Resistance
All
Riso
10
I/O Isolation Voltage (100% factory Hi-pot tested)
All
All
2250
Vdc
General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Calculated Reliability based upon Telcordia SR-332
Issue 2: Method
I Case 3 (IO=80%IO, max, TA=40°C,
airflow = 200 lfm, 90% confidence)
All
FIT
212.2
10
9/Hours
All
MTBF
4,713,305
Hours
Weight
All
15.2
(0.6)
g
(oz.)


Similar Part No. - ESTW015A0F_11

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW015A0F41-SZ LINEAGEPOWER-ESTW015A0F41-SZ Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F41Z LINEAGEPOWER-ESTW015A0F41Z Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F61 LINEAGEPOWER-ESTW015A0F61 Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
More results

Similar Description - ESTW015A0F_11

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW015A0F61 LINEAGEPOWER-ESTW015A0F61 Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW025A0F LINEAGEPOWER-ESTW025A0F Datasheet
1Mb / 20P
   ESTW025A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C LINEAGEPOWER-ESTW004A2C Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW010A0A LINEAGEPOWER-ESTW010A0A Datasheet
1Mb / 19P
   ESTW010A0A Series (Eighth-Brick) DC-DC Converter Power Modules
EHHD006A0B41Z LINEAGEPOWER-EHHD006A0B41Z Datasheet
1Mb / 19P
   EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com