Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESTW010A0A41-HZ Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # ESTW010A0A41-HZ
Description  ESTW010A0A Series (Eighth-Brick) DC-DC Converter Power Modules
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ESTW010A0A41-HZ Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button ESTW010A0A41-HZ Datasheet HTML 2Page - Lineage Power Corporation ESTW010A0A41-HZ Datasheet HTML 3Page - Lineage Power Corporation ESTW010A0A41-HZ Datasheet HTML 4Page - Lineage Power Corporation ESTW010A0A41-HZ Datasheet HTML 5Page - Lineage Power Corporation ESTW010A0A41-HZ Datasheet HTML 6Page - Lineage Power Corporation ESTW010A0A41-HZ Datasheet HTML 7Page - Lineage Power Corporation ESTW010A0A41-HZ Datasheet HTML 8Page - Lineage Power Corporation ESTW010A0A41-HZ Datasheet HTML 9Page - Lineage Power Corporation ESTW010A0A41-HZ Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet
November 29, 2011
ESTW010A0A Series Eighth-Brick Power Modules
36
–75Vdc Input; 5.0Vdc Output; 10A Output Current
LINEAGE POWER
6
Test Configurations
TO OSCILLOSCOPE
CURRENT PROBE
LTEST
12μH
CS
220μF
E.S.R.<0.1
@ 20°C 100kHz
33-
100μF
Vin+
Vin-
NOTE: Measure input reflected ripple current with a simulated
source inductance (LTEST) of 12μH. Capacitor CS offsets
possible battery impedance. Measure current as shown
above.
Figure 7. Input Reflected Ripple Current Test
Setup.
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
VO (+)
V O (–)
RESISTIVE
LOAD
SCOPE
COPPER STRIP
GROUND PLANE
10uF
1uF
Figure 8. Output Ripple and Noise Test Setup.
Vout+
Vout-
Vin+
Vin-
RLOAD
Rcontact
Rdistribution
Rcontact
Rdistribution
Rcontact
Rcontact
Rdistribution
Rdistribution
VIN
VO
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
Figure 9. Output Voltage and Efficiency Test
Setup.
=
VO. IO
VIN. IIN
x
100 %
Efficiency
Design Considerations
Input Filtering
The power module should be connected to a low
ac-impedance source. Highly inductive source
impedance can affect the stability of the power
module. For the test configuration in Figure 7 a 33-
100
μF electrolytic capacitor (ESR<0.7 at 100kHz),
mounted close to the power module helps ensure the
stability of the unit. Consult the factory for further
application guidelines.
Safety Considerations
For safety-agency approval of the system in which the
power module is used, the power module must be
installed in compliance with the spacing and
separation requirements of the end-use safety agency
standard, i.e. UL60950-1, CSA C22.2 No.60950-1,
and VDE0805-1(IEC60950-1).
If the input source is non-SELV (ELV or a hazardous
voltage greater than 60 Vdc and less than or equal to
75Vdc), for the module’s output to be considered as
meeting the requirements for safety extra-low voltage
(SELV), all of the following must be true:
The input source is to be provided with reinforced
insulation from any other hazardous voltages,
including the ac mains.
One VIN pin and one VOUT pin are to be grounded,
or both the input and output pins are to be kept
floating.
The input pins of the module are not operator
accessible.
Another SELV reliability test is conducted on the
whole system (combination of supply source and
subject module), as required by the safety
agencies, to verify that under a single fault,
hazardous voltages do not appear at the
module’s output.
Note: Do not ground either of the input pins of the
module without grounding one of the output
pins. This may allow a non-SELV voltage to
appear between the output pins and ground.
The power module has extra-low voltage (ELV)
outputs when all inputs are ELV.
All flammable materials used in the manufacturing of
these modules are rated 94V-0, or tested to the
UL60950 A.2 for reduced thickness.
For input voltages exceeding 60 Vdc but less than or
equal to 75 Vdc, these converters have been
evaluated to the applicable requirements of BASIC
INSULATION between secondary DC MAINS
DISTRIBUTION input (classified as TNV-2 in Europe)
and unearthed SELV outputs.
The input to these units is to be provided with a
maximum 5 A fast-acting fuse in the ungrounded lead.


Similar Part No. - ESTW010A0A41-HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW015A0A LINEAGEPOWER-ESTW015A0A Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
ESTW015A0A41HZ LINEAGEPOWER-ESTW015A0A41HZ Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
ESTW015A0A41SZ LINEAGEPOWER-ESTW015A0A41SZ Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
ESTW015A0A41Z LINEAGEPOWER-ESTW015A0A41Z Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
ESTW015A0F41-SZ LINEAGEPOWER-ESTW015A0F41-SZ Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
More results

Similar Description - ESTW010A0A41-HZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ESTW025A0F LINEAGEPOWER-ESTW025A0F Datasheet
1Mb / 20P
   ESTW025A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW004A2C LINEAGEPOWER-ESTW004A2C Datasheet
1Mb / 18P
   ESTW004A2C Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F LINEAGEPOWER-ESTW015A0F_11 Datasheet
1Mb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
ESTW015A0F61 LINEAGEPOWER-ESTW015A0F61 Datasheet
914Kb / 17P
   ESTW015A0F Series (Eighth-Brick) DC-DC Converter Power Modules
EHHD006A0B41Z LINEAGEPOWER-EHHD006A0B41Z Datasheet
1Mb / 19P
   EHHD006A0B Series (Eighth-Brick) DC-DC Converter Power Modules
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com